Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # P9242-R
Description  Wireless Power Transmitter for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button P9242-R Datasheet HTML 16Page - Renesas Technology Corp P9242-R Datasheet HTML 17Page - Renesas Technology Corp P9242-R Datasheet HTML 18Page - Renesas Technology Corp P9242-R Datasheet HTML 19Page - Renesas Technology Corp P9242-R Datasheet HTML 20Page - Renesas Technology Corp P9242-R Datasheet HTML 21Page - Renesas Technology Corp P9242-R Datasheet HTML 22Page - Renesas Technology Corp P9242-R Datasheet HTML 23Page - Renesas Technology Corp P9242-R Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
P9242-R Datasheet
© 2018 Integrated Device Technology, Inc
20
January 16, 2018
7.14 LC Resonant Circuit
The LC resonant circuit comprises the series primary resonant coil (LP) and series capacitance (CP). The transmitter coil assembly is vendor
specific, and it must comply with the WPC recommendation. The WPC recommendations include the self-inductance value, DC resistance
(DCR), Q-factor, size, and number of turns.
The P9242-R is designed for an MP-A2 coil configuration using half-bridge and full-bridge inverter topologies to drive the primary coil (LP) and
a series capacitance (CP). Within the operating frequency range from 110kHz to 145kHz, the assembly of the primary coil and shielding has a
self-inductance of LP = 10.0μH ±10%, and the value of the series capacitance on the P9242-R-EVK is CP = 215nF ±5%. Near resonance, the
voltage developed across the CP series capacitance could reach 70V peak. High-voltage (100V) COG-type ceramic capacitors are highly
recommended for their AC and DC characteristics and temperature stability. The recommended parts are listed on the bill of materials (BOM)
in Table 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com