Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # P9242-R
Description  Wireless Power Transmitter for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button P9242-R Datasheet HTML 12Page - Renesas Technology Corp P9242-R Datasheet HTML 13Page - Renesas Technology Corp P9242-R Datasheet HTML 14Page - Renesas Technology Corp P9242-R Datasheet HTML 15Page - Renesas Technology Corp P9242-R Datasheet HTML 16Page - Renesas Technology Corp P9242-R Datasheet HTML 17Page - Renesas Technology Corp P9242-R Datasheet HTML 18Page - Renesas Technology Corp P9242-R Datasheet HTML 19Page - Renesas Technology Corp P9242-R Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
P9242-R Datasheet
© 2018 Integrated Device Technology, Inc
16
January 16, 2018
7.3 Enable Pin – EN
The P9242-R can be disabled by applying a logic HIGH to the EN pin. When the voltage on the EN pin is pulled high, operation is suspended
and the P9242-R is placed in the low-current Shut Down Mode. If pulled low, the P9242-R is active.
7.4 Buzzer – BUZR Pin
An optional AC-type ceramic buzzer can be connected between the BUZR pin to GND through a current limiting resistor. A short 4kHz “chirp”
sound will indicate when the object is detected. Do not connect this pin if the buzzer function is not desired.
7.5 Voltage Demodulation – VDEM1 Pin
In order to increase the communication reliability in any load condition, the P9242-R has integrated two demodulation schemes, one based on
coil current information and the other based on coil voltage modulation. The voltage mode envelope detector is implemented using a discrete
solution as depicted on Figure 14. This simple implementation achieves the envelope detector function low-pass filter as well as the DC filter
function.
Figure 14. Voltage Mode Envelope Detector
D1
R1
R2
C1
R3
C2
C3
Packet
Decoder
To Registers
P9242-R
VDEM1
7.6 Current Demodulation – IDEMI
The current-mode detector takes the modulation information from the current sense resistor, which carries the coil current modulation
information in addition to the averaged input current. There is an additional discrete low-pass filter and DC filter between the ISNS_OUT and
IDEMI pins. The packet decoder block is shared between the voltage-mode and current-mode detectors. The packet decoder selects either
voltage-mode or current-mode signals depending upon which produces the best demodulated signal.
Figure 15. Current Mode Envelope Detector
VIN
Vbridge
Packet
Decoder
To Registers
20mΩ
P9242-R
R1
C1
C2
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com