Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # P9242-R
Description  Wireless Power Transmitter for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button P9242-R Datasheet HTML 30Page - Renesas Technology Corp P9242-R Datasheet HTML 31Page - Renesas Technology Corp P9242-R Datasheet HTML 32Page - Renesas Technology Corp P9242-R Datasheet HTML 33Page - Renesas Technology Corp P9242-R Datasheet HTML 34Page - Renesas Technology Corp P9242-R Datasheet HTML 35Page - Renesas Technology Corp P9242-R Datasheet HTML 36Page - Renesas Technology Corp P9242-R Datasheet HTML 37Page - Renesas Technology Corp P9242-R Datasheet HTML 38Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
P9242-R Datasheet
© 2018 Integrated Device Technology, Inc
34
January 16, 2018
12. Package Outline Drawings
The package outline drawings and land pattern are located at the end of this document. The package information is the most current data
available and is subject to change without notice or revision of this document.
13. Special Notes: NDG 48-VFQFN Package Assembly
Unopened dry packaged parts have a one-year shelf life.
The HIC indicator card for newly-opened dry packaged parts should be checked. If there is any moisture content, the parts must be baked for
a minimum of 8 hours at 125˚C within 24 hours prior to the assembly reflow process.
14. Marking Diagram
1. Line 1: Company name and part number.
2. Line 2: -R is part of the part number, which is followed by the package code.
3. Line 3: “YYWW” is the last two digits of the year and two digits for the week that
the part was assembled. # is the device step.“$” denotes the mark code.
15. Ordering Information
Orderable Part Number
Description and Package
MSL Rating
Shipping Package
Ambient
Temperature
P9242-RNDGI8
P9242-R Wireless Power Receiver for 15W Applications,
48-VFQFN (6 x 6 mm) package (NDG48P2)
MSL3
Reel
0°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com