Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # P9242-R
Description  Wireless Power Transmitter for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R Datasheet(HTML) 1 Page - Renesas Technology Corp

  P9242-R Datasheet HTML 1Page - Renesas Technology Corp P9242-R Datasheet HTML 2Page - Renesas Technology Corp P9242-R Datasheet HTML 3Page - Renesas Technology Corp P9242-R Datasheet HTML 4Page - Renesas Technology Corp P9242-R Datasheet HTML 5Page - Renesas Technology Corp P9242-R Datasheet HTML 6Page - Renesas Technology Corp P9242-R Datasheet HTML 7Page - Renesas Technology Corp P9242-R Datasheet HTML 8Page - Renesas Technology Corp P9242-R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Wireless Power Transmitter
for 15W Applications
P9242-R
Datasheet
© 2018 Integrated Device Technology, Inc
1
January 16, 2018
Peak
detector
P9242-R
SW_S
LDO33
LDO18
PREG
VIN_LDO
RSNS
Programming
resistors
GH_BRG1
SW_BRG1
GL_BRG1
GH_BRG2
SW_BRG2
GL_BRG2
ILIM/FOD
LED/Q-fact
LP
CP
L
12V
Description
The P9242-R is a highly integrated, magnetic induction, wireless
power transmitter supporting up to 15W. The system-on-chip
operates with an input voltage range of 4.25V to 21V.
The transmitter includes an industry-leading 32-bit ARM® Cortex®-
M0 processor offering a high level of programmability while
consuming extremely low standby power. The P9242-R features
two LED outputs with pre-defined user-programmable blinking
patterns, buzzer, and programmable over-current protection
supporting a wide range of applications. The I2C serial
communication allows the user to read information such as voltage,
current, frequency, and fault conditions. The P9242-R includes an
under-voltage lockout and thermal management circuit to safe
guard the device under fault conditions. Together with the P9221-
R receiver (RX), the P9242-R is a complete wireless power system
solution.
The P9242-R is available in a lead-free, space-saving 48-VFQFN
package. The product is rated for a -40ºC to +85ºC operating
temperature range.
Typical Applications
Charging pad
Accessories
Cradle
Tablets
Features
Power transfer up to 15W
Wide input voltage range: 4.25V to 21V
WPC-1.2 compliant, MP-A2 coil configuration
Integrated step-down switching regulator
Embedded 32-bit ARM® Cortex®-M0 processor
Integrated drivers for external power FETs
Simultaneous voltage and current demodulation scheme for
communication
Integrated current sense amplifier
Low standby power
Dedicated remote temperature sensing
Programmable current limit
Power transfer LED indicator
User programmable foreign objects detection (FOD)
Pre-defined user-programmable LED pattern
Active-LOW enable pin for electrical on/off
Over-current and over-temperature protection
Supports I2C interface
-40 to +85°C ambient operating temperature range
48-VFQFN (6 6 mm) RoHS-compliant package
Basic Application Circuit


Similar Part No. - P9242-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9242-R IDT-P9242-R Datasheet
1Mb / 31P
Wireless Power Transmitter
logo
Renesas Technology Corp
P9242-R3 RENESAS-P9242-R3 Datasheet
1Mb / 44P
15W Wireless Charging Transmitter with Bi-directional Data Communication
May 17, 2019
logo
Integrated Device Techn...
P9242-RNDGI8 IDT-P9242-RNDGI8 Datasheet
1Mb / 31P
Wireless Power Transmitter
More results

Similar Description - P9242-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9235A-R IDT-P9235A-R Datasheet
1Mb / 23P
Wireless Power Transmitter
P9242-R IDT-P9242-R Datasheet
1Mb / 31P
Wireless Power Transmitter
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
logo
Renesas Technology Corp
RAA458100GNP RENESAS-RAA458100GNP Datasheet
366Kb / 24P
Wireless Charging System Transmitter IC for Low Power Applications
logo
Integrated Device Techn...
P9260 IDT-P9260 Datasheet
158Kb / 2P
15W Wireless Power Transmitter
logo
STMicroelectronics
STWLC38 STMICROELECTRONICS-STWLC38 Datasheet
728Kb / 5P
Qi-compliant dual mode wireless power receiver for up to 15W applications
16-Jun-2022
logo
Renesas Technology Corp
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
Wireless Power Receiver for 15W Applications
October 10, 2017
P9235A-R RENESAS-P9235A-R Datasheet
1Mb / 24P
Wireless Power Transmitter for ≤3W Applications
May 17, 2016
P9235A-RB RENESAS-P9235A-RB Datasheet
537Kb / 22P
Wireless Power Transmitter for up to 5W Applications
November 9, 2021
P9243-GB RENESAS-P9243-GB Datasheet
1Mb / 41P
Wireless Power Transmitter for Smartphones with Fast Charging Modes and 15W Applications
July 7, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com