Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # P9242-R
Description  Wireless Power Transmitter for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button P9242-R Datasheet HTML 21Page - Renesas Technology Corp P9242-R Datasheet HTML 22Page - Renesas Technology Corp P9242-R Datasheet HTML 23Page - Renesas Technology Corp P9242-R Datasheet HTML 24Page - Renesas Technology Corp P9242-R Datasheet HTML 25Page - Renesas Technology Corp P9242-R Datasheet HTML 26Page - Renesas Technology Corp P9242-R Datasheet HTML 27Page - Renesas Technology Corp P9242-R Datasheet HTML 28Page - Renesas Technology Corp P9242-R Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
P9242-R Datasheet
© 2018 Integrated Device Technology, Inc
25
January 16, 2018
10. Functional Registers
The P9242-R registers can be read and written to via the P9242-R’s I2C interface on the SCL and SDA pins. Section 10.1 defines the protocol
for reading and writing via this interface. Section 10.2 gives the details for the register definitions.
10.1 I2C Interface
Figure 24. I2C Access Read Protocol and Write Protocol
From Master
From Slave
ACK
ACK
ACK
DataByte_1
A
A
DataByte_3
A
818181
ACK
DataByte_0
A
81
Clocks
. . . .
DataByte_2
Start
61HEX
61HEX
ACK
06HEX
ACK
80HEX
ACK
ACK
R/W
R/W
S
Slave Address
Sr
Slave Address
A
Memory Address
MSB
0
A
Memory Address
LSB
A
1
A
. . . .
17
7
18181
1
1
1
Clocks
Read Protocol
P
ACK
ACK
CmdByte_1
A
A
CmdFlag_1
818181
ACK
CmdByte_0
A
81
Clocks
CmdFlag_0
A/A
1
NAK
LSB = Least Significant Byte
MSB = Most Significant Byte
A = Acknowledge (SDA LOW)
A = Not Acknowledge (SDA HIGH)
S = Start Condition
Sr = Restart Condition
P = Stop Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com