Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # P9242-R
Description  Wireless Power Transmitter for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button P9242-R Datasheet HTML 7Page - Renesas Technology Corp P9242-R Datasheet HTML 8Page - Renesas Technology Corp P9242-R Datasheet HTML 9Page - Renesas Technology Corp P9242-R Datasheet HTML 10Page - Renesas Technology Corp P9242-R Datasheet HTML 11Page - Renesas Technology Corp P9242-R Datasheet HTML 12Page - Renesas Technology Corp P9242-R Datasheet HTML 13Page - Renesas Technology Corp P9242-R Datasheet HTML 14Page - Renesas Technology Corp P9242-R Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
P9242-R Datasheet
© 2018 Integrated Device Technology, Inc
11
January 16, 2018
5. Typical Performance Characteristics
VIN = 12.0V; EN = LOW. The following performance characteristics were taken using a P9221-R, 15W Wireless Power Receiver (RX)
at TA = +25 C unless otherwise noted.
Figure 2. Efficiency vs. Output Load: VOUT_RX = 12V Figure 3. Efficiency vs. Output Load: VOUT_RX = 9V
Figure 4. Efficiency vs. Output Load: VOUT_RX = 5V
Figure 5. Load Regulation vs. Output Load:
VCC_5V in Schematic Figure 25
Figure 6. Load Regulation vs. Output Load: LDO33 Figure 7. Load Regulation vs. Output Load: LDO18
50
55
60
65
70
75
80
85
90
0.1
0.3
0.5
0.7
0.9
1.1
1.3
OUTPUT CURRENT[A]
40
45
50
55
60
65
70
75
80
85
90
0.1
0.3
0.5
0.7
0.9
1.1
1.3
OUTPUT CURRENT [A]
40
45
50
55
60
65
70
75
80
85
90
0.1
0.3
0.5
0.7
0.9
1.1
OUTPUT CURRENT [A]
4.9
5
5.1
5.2
5.3
0
1020304050607080
OUTPUT CURRENT[mA]
VCC_5V @85 C
VCC_5V @25 C
VCC_5V @0 C
VCC_5V @-40C
3.2
3.25
3.3
3.35
3.4
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
OUTPUT CURRENT[mA]
LDO33 @85 C
LDO33 @25 C
LDO33 @0 C
LDO33 @-40 C
1.7
1.75
1.8
1.85
1.9
02468
10
12
14
16
18
20
22
24
26
28
30
OUTPUT CURRENT[mA]
LOD18 @85 C
LOD18 @25 C
LOD18 @0C
LOD18 @-40 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com