Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # P9242-R
Description  Wireless Power Transmitter for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button P9242-R Datasheet HTML 20Page - Renesas Technology Corp P9242-R Datasheet HTML 21Page - Renesas Technology Corp P9242-R Datasheet HTML 22Page - Renesas Technology Corp P9242-R Datasheet HTML 23Page - Renesas Technology Corp P9242-R Datasheet HTML 24Page - Renesas Technology Corp P9242-R Datasheet HTML 25Page - Renesas Technology Corp P9242-R Datasheet HTML 26Page - Renesas Technology Corp P9242-R Datasheet HTML 27Page - Renesas Technology Corp P9242-R Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
P9242-R Datasheet
© 2018 Integrated Device Technology, Inc
24
January 16, 2018
9.3 Identification and Configuration Phase
The identification and configuration phase is the part of the protocol that the power transmitter executes in order to identify the power receiver
and establish a default power transfer contract. This protocol extends the digital ping in order to enable the power receiver to communicate the
relevant information.
In this phase, the power transmitter identifies itself and receives information for a default power transfer contract as follows:
It receives the configuration packet.
If the Neg bit in the received configuration packet is set to ZERO, the power transmitter should proceed to the power transfer phase
without sending a response for baseline power profile.
If the Neg bit in the received configuration packet is set to ONE, subsequently the power transmitter should proceed to the negotiation
phase for the extended power profile.
9.4 Negotiation Phase
In the negotiation phase, the power receiver negotiates with the power transmitter to fine-tune the power transfer contract. The power receiver
sends negotiation requests to the power transmitter, which the power transmitter can grant or deny. In addition, to improve its initial assessment
of whether foreign objects are present, the power transmitter can compare the quality factor reported by the power receiver with its own
measurement. If the power transmitter detects a foreign object, it should return the selection phase.
9.5 Calibration Phase
In the calibration phase, the power receiver provides information that the power transmitter can use to improve its ability to detect foreign objects
during power transfer.
9.6 Power Transfer Phase
In this phase, the P9242-R controls the power transfer by means of the following control data packets:
Control Error Packets
Received Power Packet (RPP, FOD-related)
End Power Transfer (EPT) Packet
Once the “identification and configuration” phase is completed, the transmitter initiates the power transfer mode. The receiver`s control circuit
sends error packets to the transmitter to adjust the rectifier voltage to the level required to maximize the efficiency of the linear regulator and to
send to the transmitter the actual received power packet for foreign object detection (FOD) to guarantee safe, efficient power transfer.
In the event of an EPT issued by the application, when the receiver sends EPT packets, the transmitter terminates the power transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com