Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # P9242-R
Description  Wireless Power Transmitter for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button P9242-R Datasheet HTML 29Page - Renesas Technology Corp P9242-R Datasheet HTML 30Page - Renesas Technology Corp P9242-R Datasheet HTML 31Page - Renesas Technology Corp P9242-R Datasheet HTML 32Page - Renesas Technology Corp P9242-R Datasheet HTML 33Page - Renesas Technology Corp P9242-R Datasheet HTML 34Page - Renesas Technology Corp P9242-R Datasheet HTML 35Page - Renesas Technology Corp P9242-R Datasheet HTML 36Page - Renesas Technology Corp P9242-R Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
P9242-R Datasheet
© 2018 Integrated Device Technology, Inc
33
January 16, 2018
Item
Reference
Quantity
Value
Description
Part Number
PCB
Footprint
56
R45
1
220
RES SMD 220 OHM 1% 0.4W 0805
RC1206FR-07220RL
1206
57
R46, R47
2
5.1k
RES SMD 5.1K OHM 5% 1/16W 0402
MCR01MRTJ512
0402
58
R49, R50
2
0
RES SMD 0 OHM JUMPER 1/8W 0805
RC0805FR-070RL
0805
59
U1
1
P9242-R
Medium Power Transmitter
P9242-R
socketqfn_48
_6x6_0p4
60
U2
1
NP
SPIFLASH 2M-BIT 4KB UNIFORM SECT
W25X20CLUXIG TR
uson_2x3_8LD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com