Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # P9242-R
Description  Wireless Power Transmitter for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button P9242-R Datasheet HTML 5Page - Renesas Technology Corp P9242-R Datasheet HTML 6Page - Renesas Technology Corp P9242-R Datasheet HTML 7Page - Renesas Technology Corp P9242-R Datasheet HTML 8Page - Renesas Technology Corp P9242-R Datasheet HTML 9Page - Renesas Technology Corp P9242-R Datasheet HTML 10Page - Renesas Technology Corp P9242-R Datasheet HTML 11Page - Renesas Technology Corp P9242-R Datasheet HTML 12Page - Renesas Technology Corp P9242-R Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
P9242-R Datasheet
© 2018 Integrated Device Technology, Inc
9
January 16, 2018
4. Electrical Characteristics
Table 5.
Electrical Characteristics
Note: VIN = 5V, EN = LOW, TA = -40 C to +85 C, unless otherwise noted. Typical values are at 25 C.
Symbol
Description
Conditions/Notes
Min
Typical
Max
Units
Input Supplies and UVLO
VIN
Input Operating Range[a]
4.25
21
V
VIN_UVLO
Under-Voltage Lockout
VIN rising
4.0
V
VIN_UVHYS
Under-Voltage Hysteresis
VIN falling
0.5
V
IIN
Operating Mode Input Current
Power transfer phase,
Vin = 12V
10
mA
ISTD_BY
Standby Mode Current
Periodic ping
1
mA
ISHD
Shut Down Current
EN = VIN = 21V
25
80
μA
Enable Pin Threshold (EN)
VIH
Input Threshold HIGH
2.5
V
VIL
Input Threshold LOW
0.5
V
IEN_LKG
EN Pin Input Leakage Current
VEN
¯¯
= 0V
-1
1
μA
VEN
¯¯
= 5V
2.5
μA
Step-Down Regulator[b] with COUT = 33μF; L = 4.7μH
VOUT
Step-Down Output Voltage
Vin = 12V
4.5
5
5.5
V
N-Channel MOSFET Drivers
tLS_ON_OFF
Low-Side Gate Driver Rise and
Fall Times
CLOAD= 3nF; 10% to 90%,
90% to 10%
50
150
ns
tHS_ON_OFF
High-Side Gate Driver Rise and
Fall Times
CLOAD = 3nF; 10% to 90%,
90% to 10%
150
300
ns
Input Current Sense
VSEN_OFST
Amplifier Output Offset Voltage
Measured at the ISNS_OUT pin;
VCSP = VCSN
0.6
V
ISENACC_TYP[c]
Measured Current Sense
Accuracy
VR_ISEN = 25mV, I = 1.25A
±3.5
%
Analog to Digital Converter
N
Resolution
12
Bit
Channel
Number of Channels
10
VIN,FS
Full Scale Input Voltage
2.4
V
LDO18[b]
VLDO18
1.8V LDO Regulator
COUT = 1μF, VVIN_LDO = 5.5V
1.71
1.8
1.89
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com