Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # P9242-R
Description  Wireless Power Transmitter for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button P9242-R Datasheet HTML 24Page - Renesas Technology Corp P9242-R Datasheet HTML 25Page - Renesas Technology Corp P9242-R Datasheet HTML 26Page - Renesas Technology Corp P9242-R Datasheet HTML 27Page - Renesas Technology Corp P9242-R Datasheet HTML 28Page - Renesas Technology Corp P9242-R Datasheet HTML 29Page - Renesas Technology Corp P9242-R Datasheet HTML 30Page - Renesas Technology Corp P9242-R Datasheet HTML 31Page - Renesas Technology Corp P9242-R Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
P9242-R Datasheet
© 2018 Integrated Device Technology, Inc
28
January 16, 2018
Table 16. Read Register – Input Voltage
Address and Bits
Register Field Name
R/W
Default
Function and Description
06E4HEX [7:0]
Coil_voltage [7:0]
R
–
8 LSB of coil voltage value in mV.
06E5HEX [7:0]
Coil_voltage [15:8]
R
–
8 MSB of coil voltage value in mV.
Table 17. Read Register – Remote Temperature Sensing Voltage
Sensing Voltage =
Thermistor ADC Value[15:0]
4095
∗ 2.4V
Address and Bits
Register Field Name
R/W
Default
Function and Description
06E8HEX [7:0]
Thermistor ADC Value [7:0]
R
–
8 LSB of thermistor ADC value.
06E9HEX [7:0]
Thermistor ADC Value [15:8]
R
–
8 MSB of thermistor ADC value.
Table 18. Read Register – Operating Frequency
fOP =
60MHz
FRE_CNT[15:0]
Address and Bits
Register Field Name
R/W
Default
Function and Description
06EAHEX [7:0]
FRE_CNT [7:0]
R
–
8 LSB of operating frequency count.
06EBHEX [7:0]
FRQ_CNT [15:8]
R
–
8 MSB of operating frequency count.
Table 19. Read Register – Operating Duty Cycle
DUTY CYCLE =
DUTY_CNT ∗ 50%
255
Address and Bits
Register Field Name
R/W
Default
Function and Description
06ECHEX [7:0]
DUTY_CNT [7:0]
R
–
8 LSB of operating duty count.
06EDHEX [7:0]
DUTY_CNT [15:8]
R
–
8 MSB of operating duty count.
Table 20. Read Register – Full/Half Bridge Status
Address and Bits
Register Field Name
R/W
Default
Function and Description
06EEHEX [7:0]
Full/half bridge status [7:0]
R
–
1 = Half bridge.
0 = Full bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com