Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # P9242-R
Description  Wireless Power Transmitter for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button P9242-R Datasheet HTML 23Page - Renesas Technology Corp P9242-R Datasheet HTML 24Page - Renesas Technology Corp P9242-R Datasheet HTML 25Page - Renesas Technology Corp P9242-R Datasheet HTML 26Page - Renesas Technology Corp P9242-R Datasheet HTML 27Page - Renesas Technology Corp P9242-R Datasheet HTML 28Page - Renesas Technology Corp P9242-R Datasheet HTML 29Page - Renesas Technology Corp P9242-R Datasheet HTML 30Page - Renesas Technology Corp P9242-R Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
P9242-R Datasheet
© 2018 Integrated Device Technology, Inc
27
January 16, 2018
Table 12. Firmware Minor Revision
Address and Bit
Register Field Name
R/W
Default
Function and Description
010EHEX [7:0]
FW_Minor_Rev_L
R
16HEX
Minor firmware revision low byte
010FHEX [7:0]
FW_Minor_Rev_H
R
00HEX
Minor firmware revision high byte
Table 13. State Register
Address and Bits
Register Field Name
R/W
Default
Function and Description
06E0HEX
System State
R
00HEX
0DEC =
Startup
1DEC =
Idle
2DEC =
Analog Ping Phase
4DEC =
Digital Ping Phase
5DEC =
WPC Identification
7DEC =
WPC Configuration
8DEC =
Power Transfer Initialization
9DEC =
Power Transfer State
11 DEC = Remove Power
12DEC = Restart
13DEC = WPC Negotiation
Table 14. Status Register
Address and Bits
Register Field Name
R/W
Default
Function and Description
06E1HEX
System Status
R
00HEX
0DEC =
System Normal
1DEC =
FOD Alarm
2DEC =
EPT Charge Complete
4DEC =
EPT No Response
5DEC =
EPT Internal Fault
6DEC =
Over-Temperature Alarm
7DEC =
Over-Current
9DEC =
EPT Other Rx Fault
10DEC = Negotiation Fail
Table 15. Read Register – Input Current
Address and Bits
Register Field Name
R/W
Default
Function and Description
06E2HEX [7:0]
Coil_current [7:0]
R
–
8 LSB of coil current value in mA.
06E3HEX [7:0]
Coil_current [15:8]
R
–
8 MSB of coil current value in mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com