Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # P9242-R
Description  Wireless Power Transmitter for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button P9242-R Datasheet HTML 2Page - Renesas Technology Corp P9242-R Datasheet HTML 3Page - Renesas Technology Corp P9242-R Datasheet HTML 4Page - Renesas Technology Corp P9242-R Datasheet HTML 5Page - Renesas Technology Corp P9242-R Datasheet HTML 6Page - Renesas Technology Corp P9242-R Datasheet HTML 7Page - Renesas Technology Corp P9242-R Datasheet HTML 8Page - Renesas Technology Corp P9242-R Datasheet HTML 9Page - Renesas Technology Corp P9242-R Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
P9242-R Datasheet
© 2018 Integrated Device Technology, Inc
6
January 16, 2018
2. Pin Descriptions
Table 1.
Pin Descriptions
Pins
Name
Type
Function
1
EN
Input
Active-LOW enable pin. When connected to logic HIGH, the P9242-R enters the Shut
Down Mode, which has a typical current consumption of 25μA. When connected to logic
LOW, the device is in normal operation.
2, 6, 34, 41, EP
GND
–
Ground connection.
3
PREG
Output
Regulated 5V output used for internal device biasing. Connect a 1μF capacitor from this
pin to ground. This pin must not be externally loaded.
4
VIN
Input
Input power supply. Connect a 10μF capacitor from this pin to ground.
5
SW_S
Output
Step-down regulator`s switch node. Connect one of the terminals of the 4.7μH inductor to
this pin.
7
LDO33
Output
Regulated 3.3V output used for internal device biasing. Connect a 1μF capacitor from this
pin to ground. This pin should not be externally loaded.
8
VIN_LDO
Input
Linear regulator input power supply. Connected this pin to the 5V output of the step-down
regulator.
9
LDO18
Output
Regulated 1.8V output used for internal device biasing. Connect a 1μF capacitor from this
pin to ground. This pin should not be externally loaded.
10
LED1
Input
Open-drain output. Connect an LED to this pin
11
LED2
Open-drain output. Connect an LED to this pin.
12
VDDIO
Input
Input power supply for internal biasing. This pin must be connected to LDO33.
15
SCL
Input
I2C interface clock input. Connect a 5.1kΩ pull-up resistor to LDO33 rail.
16
SDA
I/O
I2C interface data input and data output, connect a 5.1kΩ pull-up resistor to LDO33 rail.
17
ILIM/FOD
Input
Programmable over-current limit and foreign object detection pin. Connect the center tap
of the resistor divider to this pin to set the current-limit threshold and FOD threshold. For
more information on setting the current limit and FOD, see section 7.2.
18
LED/Q-Fact
Input
Programmable LED pattern selection and Q-factor enable/disable. Connect the center tap
of a resistor divider to this pin. For more information on setting the LED pattern and Q-
factor enable/disable, see section 7.9.
19
VCOIL
Input
Input for coil voltage sensing.
20
TS
Input
Remote temperature sensor for over-temperature shutdown. Connect to the NTC
thermistor network. If not used, connect to the LDO33 pin through the 10kΩ resistor.
21
BUZR
Output
Buzzer output. Connect a buzzer to this pin.
22
OVP_CTL
I/O
Logic HIGH during power transfer phase used to scale down the voltage to detect over-
voltage for VCOIL pin.
23
Q_DRV1
I/O
Control signal for Q factor measurement circuit.
24
Q_DRV2
I/O
Control signal for Q factor measurement circuit.
13, 14, 25, 26,
27, 28, 29, 42,
43
RSV
–
Reserved for internal use. Do not connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com