Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # P9242-R
Description  Wireless Power Transmitter for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button P9242-R Datasheet HTML 11Page - Renesas Technology Corp P9242-R Datasheet HTML 12Page - Renesas Technology Corp P9242-R Datasheet HTML 13Page - Renesas Technology Corp P9242-R Datasheet HTML 14Page - Renesas Technology Corp P9242-R Datasheet HTML 15Page - Renesas Technology Corp P9242-R Datasheet HTML 16Page - Renesas Technology Corp P9242-R Datasheet HTML 17Page - Renesas Technology Corp P9242-R Datasheet HTML 18Page - Renesas Technology Corp P9242-R Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
P9242-R Datasheet
© 2018 Integrated Device Technology, Inc
15
January 16, 2018
Table 6.
External Resistor Values for Setting Current Limiting (ILIM) to 2.5A and FOD Threshold
ILIM[mA]
R48[KΩ]
R40[KΩ]
Tuned FOD Threshold [%]
2500
10
6.98
-40
10
7.68
-30
10
8.25
-20
10
9.09
-10
10
Open
0
10
11
10
10
12.1
20
10
13.3
30
10
14.3
40
Table 7.
External Resistor Values for Setting Current Limiting (ILIM) to 2.0A and FOD Threshold
ILIM [mA]
R48 [KΩ]
R40 [KΩ]
Tuned FOD Threshold [%]
2000
10
2.55
-40
10
2.94
-30
10
3.32
-20
10
3.74
-10
10
4.12
0
10
4.64
10
10
5.11
20
10
5.76
30
10
6.34
40
Table 8.
External Resistor Values for Setting Current Limiting (ILIM) to 1.5A and FOD Threshold
ILIM [mA]
R48 [KΩ]
R40 [KΩ]
Tuned FOD Threshold [%]
1500
Open
10
-40
10
0.232
-30
10
0.487
-20
10
0.732
-10
10
1
0
10
1.27
10
10
1.58
20
10
1.87
30
10
2.21
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com