Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # P9242-R
Description  Wireless Power Transmitter for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button P9242-R Datasheet HTML 22Page - Renesas Technology Corp P9242-R Datasheet HTML 23Page - Renesas Technology Corp P9242-R Datasheet HTML 24Page - Renesas Technology Corp P9242-R Datasheet HTML 25Page - Renesas Technology Corp P9242-R Datasheet HTML 26Page - Renesas Technology Corp P9242-R Datasheet HTML 27Page - Renesas Technology Corp P9242-R Datasheet HTML 28Page - Renesas Technology Corp P9242-R Datasheet HTML 29Page - Renesas Technology Corp P9242-R Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
P9242-R Datasheet
© 2018 Integrated Device Technology, Inc
26
January 16, 2018
From Master
From Slave
ACK
ACK
ACK
DataByte_1
A
A
DataByte_3
A
818181
ACK
DataByte_0
A
81
Clocks
. . . .
DataByte_2
Write Protocol
P
ACK
ACK
CmdByte_1
A
A
CmdFlag_1
818181
ACK
CmdByte_0
A
81
Clocks
CmdFlag_0
A/A
1
NAK
Start
61HEX
ACK
06HEX
ACK
80HEX
ACK
R/W
S
Slave Address
A
Memory Address
MSB
0
A
Memory Address
LSB
A
. . . .
17
18181
1
Clocks
LSB = Least Significant Byte
MSB = Most Significant Byte
A = Acknowledge (SDA LOW)
A = Not Acknowledge (SDA HIGH)
S = Start Condition
Sr = Restart Condition
P = Stop Condition
10.2 Register Addresses and Definitions
The tables in this section provide a comprehensive list of address locations, field names, available operations (R or RW), default values, and
functional descriptions of all internally accessible registers contained within the P9242-R. The default I2 C slave address is 61HEX. The address
of each register has a two-byte structure. For example, the address of the device ID high byte is 01HEX and 05HEX.
Table 10. Device ID Register
Address and Bit
Register Field Name
R/W
Default
Function and Description
0104HEX [7:0]
Device_ID_L
R
42HEX
Device ID low byte
0105HEX [7:0]
Device_ID_H
R
92HEX
Device ID high byte
Table 11. Firmware Major Revision
Address and Bit
Register Field Name
R/W
Default
Function and Description
010CHEX [7:0]
FW_Major_Rev_L
R
06HEX
Major firmware revision low byte
010DHEX [7:0]
FW_Major_Rev_H
R
00HEX
Major firmware revision high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com