Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9235A-R Datasheet (PDF) - Renesas Technology Corp

P9235A-R Datasheet PDF - Renesas Technology Corp
Part # P9235A-R
Download  P9235A-R Download
File Size   1841.44 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wireless Power Transmitter for ≤3W Applications

P9235A-R Datasheet (PDF)

Go To PDF Page Download Datasheet
P9235A-R Datasheet PDF - Renesas Technology Corp

Part # P9235A-R
Download  P9235A-R Click to download

File Size   1841.44 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wireless Power Transmitter for ≤3W Applications

P9235A-R Datasheet (HTML) - Renesas Technology Corp


P9235A-R Product details

Description
The P9235A-R is a 3W, magnetic induction, wireless power
transmitter for low power applications. The system-on-chip
operates with an input voltage range of 4.5 – 5.5V while
integrating micro-controller, voltage regulation, over-current
protection, full bridge power stage drivers and on-chip
simultaneous voltage and current demodulation.
The transmitter includes industry-leading 32bit ARM® Cortex®-
M0 processor offering a high level of programmability, while
consuming extremely low standby power. The device features
two LED outputs with pre-defined user programmable blinking
patterns, buzzer and programmable over-current protection
supporting wide range of applications. The I2C serial
communication allows the user to read back information such as
voltage, current, frequency and fault conditions. Together with the
P9027LP-R receiver, the P9235A-R is a complete wireless power
system solution.
The P9235A-R is available in a Pb-free, space-saving VFQFN 5
mm X 5 mm, 40 pin package. The product is rated over an
operating temperature range of -40ºC to +85ºC.

Features
 VIN range: 4.5 - 5.5 V
 Supports receiver for up to 3W of power transfer
 80% peak efficiency (when coupled with P9027LP receiver)
 Integrated power stage drivers
 Low standby power
 Simultaneous voltage and current demodulation
 Integrated 32 bit ARM® Cortex®-M0 Processor
 Supports I2C interface for field programmability
 Programmable current limit
 Over-Current and Over-Temperature protection
 Active low enable pin for electrical on/off
 Pre-defined programmable LED patterns
 Dedicated remote temperature sensing
 -40ºC to +85ºC ambient operating temperature range
 VFQFN 5mm X 5mm, 40 pin package




Similar Part No. - P9235A-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9235A-R IDT-P9235A-R Datasheet
1Mb / 23P
Wireless Power Transmitter
logo
Renesas Technology Corp
P9235A-RB RENESAS-P9235A-RB Datasheet
537Kb / 22P
Wireless Power Transmitter for up to 5W Applications
November 9, 2021
P9235A-RBNDGI RENESAS-P9235A-RBNDGI Datasheet
537Kb / 22P
Wireless Power Transmitter for up to 5W Applications
November 9, 2021
logo
Integrated Device Techn...
P9235A-RNDGI IDT-P9235A-RNDGI Datasheet
1Mb / 23P
Wireless Power Transmitter
P9235A-RNDGI8 IDT-P9235A-RNDGI8 Datasheet
1Mb / 23P
Wireless Power Transmitter
More results


Similar Description - P9235A-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
Wireless Power Transmitter Manager
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
Wireless Power Transmitter Manager
logo
Integrated Device Techn...
P9235A-R IDT-P9235A-R Datasheet
1Mb / 23P
Wireless Power Transmitter
P9242-R IDT-P9242-R Datasheet
1Mb / 31P
Wireless Power Transmitter
logo
Renesas Technology Corp
RAA458100GNP RENESAS-RAA458100GNP Datasheet
366Kb / 24P
Wireless Charging System Transmitter IC for Low Power Applications
logo
Rohm
BD57020MWV ROHM-BD57020MWV Datasheet
3Mb / 42P
Wireless Power Transmitter IC
logo
Integrated Device Techn...
P9260 IDT-P9260 Datasheet
158Kb / 2P
15W Wireless Power Transmitter
logo
Renesas Technology Corp
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
P9235A-RB RENESAS-P9235A-RB Datasheet
537Kb / 22P
Wireless Power Transmitter for up to 5W Applications
November 9, 2021
P9242-R RENESAS-P9242-R Datasheet
1Mb / 38P
Wireless Power Transmitter for 15W Applications
January 16, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com