Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9235A-R Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # P9235A-R
Description  Wireless Power Transmitter for ≤3W Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9235A-R Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button P9235A-R Datasheet HTML 5Page - Renesas Technology Corp P9235A-R Datasheet HTML 6Page - Renesas Technology Corp P9235A-R Datasheet HTML 7Page - Renesas Technology Corp P9235A-R Datasheet HTML 8Page - Renesas Technology Corp P9235A-R Datasheet HTML 9Page - Renesas Technology Corp P9235A-R Datasheet HTML 10Page - Renesas Technology Corp P9235A-R Datasheet HTML 11Page - Renesas Technology Corp P9235A-R Datasheet HTML 12Page - Renesas Technology Corp P9235A-R Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
P9235A-R Datasheet
© 2016 Integrated Device Technology, Inc
9
May 17, 2016
Figure 6. P9235A-R Block Diagram
VIN_LDO
GND_S
GPIO_A4
SW_B
VO_5
GND_B
LDO33
LDO18
SCL
SDA
RSVD1
RSVD2
Pre-
Reg
Current
Sense
Amplifier
Reference
High Side
Driver 1
Half/Full
Bridge
PWM
Controller
Demodulation
(Vsense)
12-Bit
ADC
32-Bit ARM M0
Processor
120MHz
PLL
LED
Driver
BUZ
Driver
6MHz
OSC
LDO
3.3V
Low Side
Driver 1
BST_BRG1
GH_BRG1
SW_BRG1
GL_BRG1
BST_BRG2
GH_BRG2
SW_BRG2
VIN_DRV
GND_BRG
Buck
Controller
32KB
OTP
4KB
SRAM
I2C
High Side
Driver 2
Low Side
Driver 2
LDO
1.8V
VIN
VDDIO
I/O
Module
GL_BRG2
LED_GRN
LED_RED
BUZ
GPIO_B2
GPIO_B3
ILIM
TS
LED_PAT
Demodulation
(Isense)
MUX
Bridge
Voltage
Sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com