Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9235A-R Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # P9235A-R
Description  Wireless Power Transmitter for ≤3W Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9235A-R Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button P9235A-R Datasheet HTML 10Page - Renesas Technology Corp P9235A-R Datasheet HTML 11Page - Renesas Technology Corp P9235A-R Datasheet HTML 12Page - Renesas Technology Corp P9235A-R Datasheet HTML 13Page - Renesas Technology Corp P9235A-R Datasheet HTML 14Page - Renesas Technology Corp P9235A-R Datasheet HTML 15Page - Renesas Technology Corp P9235A-R Datasheet HTML 16Page - Renesas Technology Corp P9235A-R Datasheet HTML 17Page - Renesas Technology Corp P9235A-R Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
P9235A-R Datasheet
© 2016 Integrated Device Technology, Inc
14
May 17, 2016
Table 8. LEDs indication table pattern
Current
Sense
Resistor
Option
Number
Voltage
on
LED_PA
T pin[V]
Resistor Divider Values
(Input voltage: LDO18)
LED #/Color
Operational Status
RTOP
[R27]
RBOTTOM
[R31]
Standby
Transfer
Complete Fault
20 mΩ
1
Pull down
<0.037 V
NP
47 kΩ,1%
LED1-Green
Off
On
Off
Off
LED2-Red
Off
Off
Off
Blink 4
Hz
20 mΩ
2
0.11 V
715 kΩ,1%
47 kΩ,1%
LED1-Green
On
Off
Off
Off
LED2-Red
On
Off
Off
Blink 4
Hz
20 mΩ
3
0.18 V
422 kΩ,1%
47 kΩ,1%
LED1-Green
Off
Blink 1 Hz
On
Blink 4Hz
LED2-Red
-
-
-
-
20 mΩ
4
0.26 V
280 kΩ,1%
47 kΩ,1%
LED1-Green
Off
On
Off
Blink 4
Hz
LED2-Red
-
-
-
-
20 mΩ
5
0.33 V
210 kΩ,1%
47 kΩ,1%
LED1-Green
On
Blink 1Hz
On
Off
LED2-Red
On
Off
Off
Blink 4
Hz
20 mΩ
6
0.41 V
160 kΩ,1%
47 kΩ,1%
LED1-Green
Off
Off
On
Off
LED2-Red
Off
On
Off
Blink 4
Hz
50 mΩ
7
0.63 V
86.6 kΩ,1%
47 kΩ,1%
LED1-Green
Off
On
Off
Off
LED2-Red
Off
Off
Off
Blink 4
Hz
50 mΩ
8
0.71 V
71.5 kΩ,1%
47 kΩ,1%
LED1-Green
On
Off
Off
Off
LED2-Red
On
Off
Off
Blink 4
Hz
50 mΩ
9
0.78 V
61. kΩ,1%
47 kΩ,1%
LED1-Green
Off
Blink 1 Hz
On
Blink 4
Hz
LED2-Red
-
-
-
-
50 mΩ
10
0.86 V
51.1 kΩ,1%
47 kΩ,1%
LED1-Green
Off
On
Off
Blink 4
Hz
LED2-Red
-
-
-
-
50 mΩ
11
0.93 V
44.2 kΩ,1%
47 kΩ,1%
LED1-Green
On
Blink 1Hz
On
Off
LED2-Red
On
Off
Off
Blink 4
Hz
50 mΩ
12
1.01 V
36.5 kΩ,1%
47 kΩ,1%
LED1-Green
Off
Off
On
Off
LED2-Red
Off
On
Off
Blink 4
Hz
Input Over Current Protection
Input over current protection protects the transmitter half-bridge and receiver from exposure to conditions that may cause damage or
unexpected behavior from the system. While the P9235A-R is in the power transfer stage, it monitors the input current, through the voltage
across the input current sense resistor. If the input current goes above the programmed threshold, the P9235A-R will shut down for 5 minutes,
and then re-try through digital pings. If the receiver condition remains the same for 5 more minutes, the P9235A-R will continue the periodic
analog pings only (no digital pings). If the receiver is removed, or the input power is cycled, the P9235A-R will restart digital pings immediately.
The ILIM pin voltage selects the input current limit through a voltage divider connected to LDO18. Table 9 shows options for 1, 2, and 3W
systems, given minimum expected efficiencies. The default value input current limit is 1.25A. The default value occurs when ILIM pin is
connected to GND via a 47 kΩ resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com