Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9235A-R Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # P9235A-R
Description  Wireless Power Transmitter for ≤3W Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9235A-R Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button P9235A-R Datasheet HTML 7Page - Renesas Technology Corp P9235A-R Datasheet HTML 8Page - Renesas Technology Corp P9235A-R Datasheet HTML 9Page - Renesas Technology Corp P9235A-R Datasheet HTML 10Page - Renesas Technology Corp P9235A-R Datasheet HTML 11Page - Renesas Technology Corp P9235A-R Datasheet HTML 12Page - Renesas Technology Corp P9235A-R Datasheet HTML 13Page - Renesas Technology Corp P9235A-R Datasheet HTML 14Page - Renesas Technology Corp P9235A-R Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
P9235A-R Datasheet
© 2016 Integrated Device Technology, Inc
11
May 17, 2016
Applications Information
LDOs
There are three internal LDOs, which supply the P9235A-R internal voltage rails. Do not externally load any of the LDOs. VO_5 is the output
of a high voltage LDO, which serves as the pre-regulator. VO_5 initially supplies the input voltage to the other two LDOs until the buck
regulator output voltage powers up.
The other two LDOs, VO_33 and VO_18, have output voltages of 3.3 V and 1.8 V, respectively. The analog circuitry is power by the 3.3 V
LDO. The digital circuitry is powered by the 1.8 V LDO.
LDO Input and Output Capacitors
For proper load voltage regulation and operational stability, low ESR ceramic capacitors are required on the input and output of each LDO. A
10 µF low ESR ceramic cap is recommended for both the input (C19) and output (C14, C27, C29) capacitors. The capacitor’s connection to
the ground pin should be as short as possible for optimal device performance.
Buck Regulator
The buck regulator is the power supply for the 3.3 V and 1.8 V LDOs, and thus for all the internal analog and digital circuitry, excluding the
pre-regulator only. Do not externally load any of the LDOs. The current sourcing capability of this internal buck regulator is 50 mA maximum.
The two half bridge gate driver circuits are directly power by the buck regulator.
The P9235A-R buck regulator operates in hysteretic pulse mode to set the output voltage and will regulate the output voltage at 5 V (typical)
when VIN is greater than 5.5 VDC. For operation with VIN less than 5.5 V, the buck output will decrease below 5 V. When the VIN is less than
5 V, the regulator will switch to a linear mode that is similar to a LDO.
The input (C18, C19) and output (C20, C21) capacitors must be connected directly between each power rail pins and power GND pin (and
placed as close as possible to the respective IC pins). The output capacitors should be selected based on the typical reference schematic to
guarantee control loop stability. A 10 µF low ESR ceramic cap is recommended for both the bulk input (C19) and bulk output (C21) capacitor.
The buck regulator output voltage is connected to the VIN_LDO pin; therefore, the connection from the buck output to the VIN_LDO pin
should be made as wide and short as possible to minimize output voltage errors.
Buck Inductor Selection
A 4.7 µH inductor (L1) is used for the P9235A-R buck regulator. Select the inductor saturation current rating to exceed the value of peak
inductor current (during normal operation and start up). The inductor included in the Bill of Materials is recommended. Keep the inductor DCR
to a minimum to improve the efficiency of the regulator.
Decoupling Capacitors
As with any high-performance mixed-signal IC, P9235A-R must be isolated from the system power supply noise. A decoupling capacitor of
0.1 μF should be connected between each power supply pin (includes VIN, the buck regulator, LDOs, VBRG_IN, V_BRIDGE: C18, C20, C28,
C9, C12, C31) and the PCB ground plane. It must be placed as close as possible to these pins. The decoupling capacitor must be mounted
on the component side of the PCB.
Note: The VO_33 does not need this decoupling capacitor if the user follows the IDT recommended, optimized layout.
Full Bridge Input Capacitor
At least one 10 μF capacitor (C19) must be placed at the VIN pin. At least three 10 μF capacitors (C10, C11, C30) must be placed across the
full bridge voltage source (the V_BRIDGE node in the schematic) to minimize voltage ripple and voltage drop due to the large current
requirements. The full-bridge is used to convert DC voltage to AC voltage for power transfer. These 10 μF capacitors must be placed as close
as possible to the respective pins.
Note: If the half bridge FETs are not physically close together then two 10 μF capacitors per half bridge are needed. Follow the IDT optimized
layout in order to minimize these capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com