Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9235A-R Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # P9235A-R
Description  Wireless Power Transmitter for ≤3W Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9235A-R Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button P9235A-R Datasheet HTML 16Page - Renesas Technology Corp P9235A-R Datasheet HTML 17Page - Renesas Technology Corp P9235A-R Datasheet HTML 18Page - Renesas Technology Corp P9235A-R Datasheet HTML 19Page - Renesas Technology Corp P9235A-R Datasheet HTML 20Page - Renesas Technology Corp P9235A-R Datasheet HTML 21Page - Renesas Technology Corp P9235A-R Datasheet HTML 22Page - Renesas Technology Corp P9235A-R Datasheet HTML 23Page - Renesas Technology Corp P9235A-R Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com
/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance specificat ions and
operating parameters of the described products are determined in an independent state and are not guaranteed to perform th e same way when installed in customer products. The information contained herein is provided
without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an implied warranty of merchantability, or non-infringement of
the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be reasonably expected to
significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreeme nt by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the property of IDT or their
respective third party owners.
For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary.
© Copyright 2016 Integrated Device Technology, Inc. All rights reserved.
P9235A-R Datasheet
Ordering Information
Orderable Part Number
Package
MSL Rating
Shipping Packaging
Temperature
P9235A-RNDGI
NDG40 - QFN-40 5x5x0.40
3
Tray
-40° to +85°C
P9235A-RNDGI8
NDG40 - QFN-40 5x5x0.40
3
Tape and Reel
-40° to +85°C
Marking Diagram
1. “IDT” Company code, “P9235A-R” Part number.
2. “NDG” Package type: QFN, “I” Industrial
3. “#” Device stepping, “YY” Last 2 digits of the year, “WW” Work
week that the part was assembled, “$” Assembly location code
Revision History
[Insert the revision history entries in reverse chronological order.]
Revision Date
Description of Change
May 16, 2016
Final
May 2, 2016
This is the first preliminary release of this datasheet..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com