Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS700 Datasheet(PDF) 11 Page - CT Micro International Corporation

Part # CTS700
Description  2.5A MOSFET/IGBT Gate Driver Optocoupler
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTS700 Datasheet(HTML) 11 Page - CT Micro International Corporation

Back Button CTS700 Datasheet HTML 7Page - CT Micro International Corporation CTS700 Datasheet HTML 8Page - CT Micro International Corporation CTS700 Datasheet HTML 9Page - CT Micro International Corporation CTS700 Datasheet HTML 10Page - CT Micro International Corporation CTS700 Datasheet HTML 11Page - CT Micro International Corporation CTS700 Datasheet HTML 12Page - CT Micro International Corporation CTS700 Datasheet HTML 13Page - CT Micro International Corporation CTS700 Datasheet HTML 14Page - CT Micro International Corporation CTS700 Datasheet HTML 15Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CT Micro
Rev.2
Proprietary & Confidential
Page 11
Oct, 2016
CTS700
2.5A MOSFET/IGBT Gate Driver Optocoupler
+
-
VCC=15V to 30V
VO
0.1uF
Rg=47
Ω
Cg=3nF
Frequency=10kHz
Duty Cycle=50%
R1=100ohm
Input Monitor
IF=7mA~16mA
IF
VOUT
tf
tr
tPLH
tPHL
90%
50%
10%
Fig. 29 Test circuit and waveforms for tPHL, tPLH, tr, and tf
0.1uF
+
-
VCC=30V
VO > 1V
IF
VCM
+
-
t
IF=10mA
VCM
0V
IF=0mA
VO
VO
VOH
VOL
Fig. 30 Test circuit for Common mode Transient Immunity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com