Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS700 Datasheet(PDF) 13 Page - CT Micro International Corporation

Part # CTS700
Description  2.5A MOSFET/IGBT Gate Driver Optocoupler
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTS700 Datasheet(HTML) 13 Page - CT Micro International Corporation

Back Button CTS700 Datasheet HTML 9Page - CT Micro International Corporation CTS700 Datasheet HTML 10Page - CT Micro International Corporation CTS700 Datasheet HTML 11Page - CT Micro International Corporation CTS700 Datasheet HTML 12Page - CT Micro International Corporation CTS700 Datasheet HTML 13Page - CT Micro International Corporation CTS700 Datasheet HTML 14Page - CT Micro International Corporation CTS700 Datasheet HTML 15Page - CT Micro International Corporation CTS700 Datasheet HTML 16Page - CT Micro International Corporation CTS700 Datasheet HTML 17Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
CT Micro
Rev.2
Proprietary & Confidential
Page 13
Oct, 2016
CTS700
2.5A MOSFET/IGBT Gate Driver Optocoupler
Device Marking
Note:
CT
: Denotes “CT Micro”
700
: Part Number
V
: VDE Option
Y
: Fiscal Year
WW
: Work Week
K
: Manufacturing Code
Ordering Information
CTS700(V)(Y)(Z)
V = VDE Option
Y = Lead form option (M or none)
Z = Tape and reel option (T1, T2)
Option
Description
Quantity
T1
Surface Mount Lead Forming with Option 1 Taping
1500 Units/Reel
T2
Surface Mount Lead Forming with Option 2 Taping
1500 Units/Reel
(M)(T1)
Surface Mount (Gullwing) Lead Forming with Option 1 Taping
1500 Units/Reel
(M)(T2)
Surface Mount (Gullwing) Lead Forming with Option 2 Taping
1500 Units/Reel
CT
700
VYWWK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com