Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTT0213 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CTT0213
Description  600V Zero Cross High Power Photo TRIAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTT0213 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CTT0213 Datasheet HTML 1Page - CT Micro International Corporation CTT0213 Datasheet HTML 2Page - CT Micro International Corporation CTT0213 Datasheet HTML 3Page - CT Micro International Corporation CTT0213 Datasheet HTML 4Page - CT Micro International Corporation CTT0213 Datasheet HTML 5Page - CT Micro International Corporation CTT0213 Datasheet HTML 6Page - CT Micro International Corporation CTT0213 Datasheet HTML 7Page - CT Micro International Corporation CTT0213 Datasheet HTML 8Page - CT Micro International Corporation CTT0213 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 1
Nov, 2017
CTT0213, CTT1213, CTT2213, CTT3213
600V Zero Cross High Power Photo TRIAC
Package Outline
Schematic
Note: Different bending options available. See package
dimension.
Features
High isolation 5000 VRMS
Supports 0.3 A, 0.6 A, 0.9 A and 1.2 A
RoHS compliant
REACH compliance
External creepage > 7.5mm
Internal creepage > 6.0mm
Insulation distance > 0.4mm
Regulatory Approvals
UL - UL1577 (pending approval)
VDE - EN60747-5-5(VDE0884-5)
CQC
– GB4943.1, GB8898
IEC60065, IEC60950
Description
The zero crossing power Triac consists of a Triac
and a photo-Triac, which is optically coupled to a
gallium arsenide Infrared emitting diode, and house
in a 7-lead DIP package. It also comes with different
lead forming options.
Applications
Home appliances
Industrial equipment


Similar Part No. - CTT0213

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTT0223 CTMICRO-CTT0223 Datasheet
1Mb / 12P
600V Random Phase High Power Photo TRIAC
More results

Similar Description - CTT0213

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOCZ500 MOTOROLA-MOCZ500 Datasheet
222Kb / 8P
OPTOISOLATOR ZERO CROSS TRIAC OUTPUT
MOC2A60-10 MOTOROLA-MOC2A60-10 Datasheet
123Kb / 8P
2 Amp Zero Cross Triac Output
logo
COSMO Electronics Corp...
KMOC306X COSMO-KMOC306X Datasheet
214Kb / 10P
5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
CT Micro International ...
CT303X CTMICRO-CT303X Datasheet
1Mb / 11P
6Pin Zero Cross TRIAC Driver Coupler
logo
COSMO Electronics Corp...
KMOC306X COSMO-KMOC306X_15 Datasheet
271Kb / 10P
5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC308X COSMO-KMOC308X_15 Datasheet
268Kb / 10P
5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3503 COSMO-KTLP3503_15 Datasheet
254Kb / 10P
8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3617 COSMO-KTLP3617_15 Datasheet
254Kb / 10P
8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
CT Micro International ...
CTT0223 CTMICRO-CTT0223 Datasheet
1Mb / 12P
600V Random Phase High Power Photo TRIAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com