Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTT0213 Datasheet(PDF) 10 Page - CT Micro International Corporation

Part # CTT0213
Description  600V Zero Cross High Power Photo TRIAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTT0213 Datasheet(HTML) 10 Page - CT Micro International Corporation

Back Button CTT0213 Datasheet HTML 4Page - CT Micro International Corporation CTT0213 Datasheet HTML 5Page - CT Micro International Corporation CTT0213 Datasheet HTML 6Page - CT Micro International Corporation CTT0213 Datasheet HTML 7Page - CT Micro International Corporation CTT0213 Datasheet HTML 8Page - CT Micro International Corporation CTT0213 Datasheet HTML 9Page - CT Micro International Corporation CTT0213 Datasheet HTML 10Page - CT Micro International Corporation CTT0213 Datasheet HTML 11Page - CT Micro International Corporation CTT0213 Datasheet HTML 12Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 10
Nov, 2017
CTT0213, CTT1213, CTT2213, CTT3213
600V Zero Cross High Power Photo TRIAC
Wave soldering (JEDEC22A111 compliant)
One time soldering is recommended within the condition of temperature.
Temperature: 260+0/-
5˚C.
Time: 10 sec.
Preheat temperature:25 to 140˚C.
Preheat time: 30 to 80 sec.
Hand soldering by soldering iron
Allow single lead soldering in every single process.
One time soldering is recommended. Temperature: 350+0/-5˚C
Time: 3 sec max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com