Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSB1235-R60M Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # PSB1235-R60M
Description  SMT FLAT WIRE HIGH CURRENT INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PSB1235-R60M Datasheet(HTML) 1 Page - MPS Industries, Inc.

  PSB1235-R60M Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
PSB12 SERIES
• HighCurrentInductorincompact,lowprofilepackage
• Flat wire coil minimizes losses at high frequency
• Magnetically shielded
• Size: 13.5mm length x 12.8mm width
• Operating Temperature -55ºC to +125ºC
• RoHS Compliant Product
• Custom Design Available
ELECTRICAL PARAMETERS @ 25°C
Part Number
INDUCTANCE
(μH)
±20%
Irated
(A)
MAX
Isat
(A)
MAX
DCR
(mΩ)
MAX
Dimension H
(mm)
PSB1235-R20M
0.20
27.0
40.0
1.5
3.5
PSB1235-R60M
0.60
23.0
30.0
3.5
3.5
PSB1235-1R2M
1.2
19.0
21.0
3.5
3.5
PSB1250-6R8M
6.8
8.0
9.0
15.0
5.0
PSB1265-R90M
0.90
22.0
28.0
1.5
6.5
PSB1265-1R5M
1.5
20.0
26.0
2.0
6.5
PSB1265-2R2M
2.2
17.0
25.0
3.0
6.5
PSB1265-3R3M
3.3
15.0
15.0
4.5
6.5
PSB1265-4R7M
4.7
14.0
10.0
7.0
6.5
PSB1265-6R8M
6.8
12.0
8.0
10.0
6.5
PSB1265-100M
10.0
9.0
7.0
15.0
6.5
PSB1275-R82M
8.2
11.0
10.0
12.0
7.5
Note:
1.
Inductance measured at 100KHz, 1Vrms
2.
Temperature Rise 40°C TYP at DC Current Irated
3.
Inductance Drop 20% TYP at DC Current Isat
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
SMT FLAT WIRE HIGH
CURRENT INDUCTOR
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10
DIMENSIONS (inch / [mm])


Similar Part No. - PSB1235-R60M

ManufacturerPart #DatasheetDescription
logo
Power-One
PSB123-7IR POWER-ONE-PSB123-7IR Datasheet
57Kb / 4P
3...8 A Switching Regulators
PSB123-7IR POWER-ONE-PSB123-7IR Datasheet
96Kb / 3P
3 to 8 A Switching Regulators
More results

Similar Description - PSB1235-R60M

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74431012010 WURTH-74431012010 Datasheet
446Kb / 6P
WE-HCM SMT High Current Flat Wire Inductor
001.002
74434035007 WURTH-74434035007 Datasheet
437Kb / 6P
WE-HCM SMT High Current Flat Wire Inductor
001.000
744340300025 WURTH-744340300025 Datasheet
438Kb / 6P
WE-HCM SMT High Current Flat Wire Inductor
001.000
744340300030 WURTH-744340300030 Datasheet
437Kb / 6P
WE-HCM SMT High Current Flat Wire Inductor
001.000
7443091062 WURTH-7443091062 Datasheet
442Kb / 6P
WE-HCM SMT High Current Flat Wire Inductor
001.002
7443091120 WURTH-7443091120 Datasheet
441Kb / 6P
WE-HCM SMT High Current Flat Wire Inductor
001.002
744300008 WURTH-744300008 Datasheet
687Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
002.002
744300015 WURTH-744300015 Datasheet
686Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
002.002
744302010 WURTH-744302010_V01 Datasheet
667Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
004.000
744302015 WURTH-744302015_V01 Datasheet
667Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
004.000
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com