Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4530 Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT4530
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4530 Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT4530 Datasheet HTML 6Page - Active-Semi, Inc ACT4530 Datasheet HTML 7Page - Active-Semi, Inc ACT4530 Datasheet HTML 8Page - Active-Semi, Inc ACT4530 Datasheet HTML 9Page - Active-Semi, Inc ACT4530 Datasheet HTML 10Page - Active-Semi, Inc ACT4530 Datasheet HTML 11Page - Active-Semi, Inc ACT4530 Datasheet HTML 12Page - Active-Semi, Inc ACT4530 Datasheet HTML 13Page - Active-Semi, Inc ACT4530 Datasheet HTML 14Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ACT4530
Rev 1.0, 19-Nov-2018
Innovative PowerTM
- 13 -
www.active-semi.com
Copyright © 2018 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
(Schematic as show in typical application circuit, Ta = 25°C, unless otherwise specified)
Load Transient (80mA-1A-80mA)
Vin=12V, Vout=5V
CH1: VOUT, 100mV/div
CH2: IOUT, 1A/div
TIME: 400us//div
CH1
CH2
Load Transient (1A-2.4A-1A)
Vin=12V, Vout=5V
CH1: VOUT, 200mV/div
CH2: IOUT, 1A/div
TIME: 400us//div
CH1
CH2
Start up into CC Mode
VOUT = 5.1V
RLORD = 1.5Ω
IOUT = 2.65A
VIN = 12V
CH1: VIN, 10V/div
CH2: VOUT, 2V/div
CH3: IOUT, 2A/div
TIME: 400µs/div
CH1
CH2
CH3
Output Over Voltage (5V Vout)
CH1: VOUT, 1V/div
CH2: SW, 10V/div
TIME: 1ms/div
CH1
CH2
Voltage Transient (5V-9V)
CH1: VOUT, 2V/div
TIME: 10ms//div
CH1
Voltage Transient (9V-5V)
CH1: VOUT, 2V/div
TIME: 10ms//div
CH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com