Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4530 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT4530
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4530 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT4530 Datasheet HTML 1Page - Active-Semi, Inc ACT4530 Datasheet HTML 2Page - Active-Semi, Inc ACT4530 Datasheet HTML 3Page - Active-Semi, Inc ACT4530 Datasheet HTML 4Page - Active-Semi, Inc ACT4530 Datasheet HTML 5Page - Active-Semi, Inc ACT4530 Datasheet HTML 6Page - Active-Semi, Inc ACT4530 Datasheet HTML 7Page - Active-Semi, Inc ACT4530 Datasheet HTML 8Page - Active-Semi, Inc ACT4530 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ACT4530
Rev 1.0, 19-Nov-2018
Innovative PowerTM
- 3 -
www.active-semi.com
Copyright © 2018 Active-Semi, Inc.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
UNIT
IN to GND
-0.3 to 40
V
SW to GND
-1 to VIN +1
V
HSB to GND
VSW - 0.3 to VSW + 7
V
CSP, CSN to GND
-0.3 to +15
V
Junction to Ambient Thermal Resistance
46
°C/W
Operating Junction Temperature
-40 to 150
°C
Storage Junction Temperature
-55 to 150
°C
Lead Temperature (Soldering 10 sec.)
300
°C
All other pins to GND
-0.3 to +6
V
PDC to GND
-0.3 to +6
V
: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
CSP
Voltage Feedback Input. Connect to node of the inductor and output capacitor. CSP
and CSN Kevin sense is recommended.
2
CSN
Negative input terminal of output current sense. Connect to the negative terminal of
current sense resistor.
3
PDC
USB-PD Control Pin. When PDC is floating, Vout = 5.1V. When PDC is pulled low,
Vout = 9.1V. When PDC is pulled high, the IC ignores the PDC pin and the output
voltage does not change from the previous setting.
4
DP
Data Line Positive Input. Connected to D+ of attached portable device data line.
This pin passes 8kV HBM ESD.
5
DM
Data Line Negative Input. Connected to D- of attached portable device data line.
This pin passes 8kV HBM ESD.
6
IN
Power Supply Input. Bypass this pin with a 10μF ceramic capacitor to GND, placed
as close to the IC as possible.
7
SW
Power Switching Output to External Inductor.
8
HSB
High Side Bias Pin. This provides power to the internal high-side MOSFET gate
driver. Connect a 22nF capacitor from HSB pin to SW pin.
9
GND
Ground and Heat Dissipation Pad. Connect this exposed pad to large ground
copper area with copper and vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com