Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCU01M Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MSCU01M
Description  DC/DC CONVERTER 1W
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSCU01M Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MSCU01M Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSCU01M Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSCU01M Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSCU01M Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSCU01M Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSCU01M SERIES
DC/DC CONVERTER 1W, Reinforced Insulation, Medical Safety
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2017/12/18 REV:2
Page 2 of 5
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
---
±1.0
±3.0
%Vnom.
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.1
±1.0
%
Line Regulation
For Vin Change of 1%
---
±1.2
±1.5
%
Load Regulation
Io=10% to 100%
---
---
±10
%
Ripple & Noise
0-20 MHz Bandwidth
---
---
100
mV P-P
Temperature Coefficient
---
±0.01
±0.02
%/℃
Short Circuit Protection
Continuous, Automatic Recovery
Isolation, Safety Standards
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
60 Seconds
Reinforced insulation, rated for 250Vrms working voltage
4000
---
---
VACrms
Leakage Current
240VAC, 60Hz
---
---
2
μA
I/O Isolation Resistance
500 VDC
10
---
---
GΩ
I/O Isolation Capacitance
100KHz, 1V
---
20
---
pF
Safety Standards
ANSI/AAMI ES60601-1, CAN/CSA-C22.2 No. 60601-1
IEC/EN 60601-1 3rd Edition 2xMOPP
Safety Approvals
ANSI/AAMI ES60601-1 2xMOPP recognition (UL certificate), IEC/EN 60601-1 3rd Edition (CB-report)
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Switching Frequency
---
55
---
kHz
MTBF (calculated)
MIL-HDBK-217F@25℃, Ground Benign
4,771,507
---
---
Hours
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-020D.1
Level 2
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Ambient Temperature Range
(See Power Derating Curve)
Natural Convection
-40
+95
℃
Case Temperature
---
+105
℃
Storage Temperature Range
-50
+125
℃
Humidity (non condensing)
---
95
% rel. H
Cooling
Natural Convection
Lead-free Reflow Solder Process
IPC/JEDEC J-STD-020D.1
EMC Specifications
Parameter
Standards & Level
Performance
EMI
Conduction
EN 55011, FCC part 15
Class A(5)
EMS
EN 60601-1-2 4th
ESD
EN 61000-4-2 Air ± 15kV , Contact ± 8kV
A
Radiated immunity
EN 61000-4-3 10V/m
A
Fast transient (6)
EN 61000-4-4 ±2kV
A
Surge (6)
EN 61000-4-5 ±1kV
A
Conducted immunity
EN 61000-4-6 10Vrms
A
PFMF
EN 61000-4-8 30A/m
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com