Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCU01M Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MSCU01M
Description  DC/DC CONVERTER 1W
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSCU01M Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MSCU01M Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSCU01M Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSCU01M Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSCU01M Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSCU01M Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSCU01M SERIES
DC/DC CONVERTER 1W, Reinforced Insulation, Medical Safety
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2017/12/18 REV:2
Page 3 of 5
Power Derating Curve
Notes
1
Specifications typical at Ta=+25℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules;
however they may not meet all specifications listed.
3
We recommend to protect the converter by a slow blow fuse in the input supply line.
4
Other input and output voltage may be available, please contact factory.
5
To meet EN 55011 Class A an external filter, please contact MINMAX.
6
To meet EN 61000-4-4 & EN61000-4-5 an external capacitor across the input pins is required, please contact MINMAX.
7
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
8
Specifications are subject to change without notice.
Package Specifications
Mechanical Dimensions
Connecting Pin Patterns
►All dimensions in mm (inches)
►Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 ( X.XXX±0.01)
►Pins ±0.05 (±0.002)
Pin Connections
Physical Characteristics
Pin
Single Output
Dual Output
Case Size
:
18.9x13.7x10.2 mm (0.74x0.54x0.40 inches)
1
-Vin
-Vin
6
NC
Common
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
7
NC
-Vout
8
+Vout
+Vout
Pin Material
:
Phosphor Bronze
9
-Vout
Common
14
+Vin
+Vin
Weight
:
4.1g
NC: No Connection
1
7
6
8
9
1.00 [0.04]
18.9 [0.74]
12.7 [0.5]
1.83
S SEATING
PLANE
0.15 S
1.1 [0.04]
15.0 [0.6]
Top View
2.54
[0.10]
[0.07]
Bottom View
4.0 [0.16]
1.5 [ 0.06]
14
15.24 [0.60]
1.6 [0.06]
2.54 [0.10]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com