Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3R Datasheet(PDF) 20 Page - STMicroelectronics

Part # TESEO-LIV3R
Description  Tiny ROM GNSS module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3R Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TESEO-LIV3R Datasheet HTML 16Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 17Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 18Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 19Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 20Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 21Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 22Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 23Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Electrical characteristics
Teseo-LIV3R
20/30
DS12821 Rev 2
12.5
Recommended DC operating conditions
Table 7. Power consumption
Symbol
Parameter
Test condition
Typ
Unit
Pw
Power consumption in
standard condition
G2 = GPS only;
Tc = 25 °C;
VCC = 2.1 V;
VCC_IO = 3.3 V
75.8
mW
G2 = GPS/Glonass;
Tc = 25 °C;
VCC = 2.1 V;
VCC_IO = 3.3 V
93.4
mW
G2 = GPS/Beidou;
Tc = 25 °C;
VCC = 2.1 V;
VCC_IO = 3.3 V
90.4
mW
PwStandby
Power consumption
STANDBY mode
RTC running = 32.768 KHz;
Tc = 25 °C;
VCC = VCC_IO = 0 V
Vbat = 3.3 V
19.8
μW
Table 8. Recommended DC operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Power supply pins
2.1
3.3
4.3
V
VCC_Bat
Power supply pins for backup internal
logic
2.1
3.3
4.3
V
VCC_IO
IO Supply Voltage
3.0
3.3
3.60
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com