Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3R Datasheet(PDF) 26 Page - STMicroelectronics

Part # TESEO-LIV3R
Description  Tiny ROM GNSS module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3R Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TESEO-LIV3R Datasheet HTML 22Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 23Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 24Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 25Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 26Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 27Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 28Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 29Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Reflow soldering profile
Teseo-LIV3R
26/30
DS12821 Rev 2
16
Reflow soldering profile
The Teseo-LIV3R is a high temperature strength surface mount GNSS module supplied on
a 18-pin, 6-layer PCB. The final assembly recommended reflow profiles are indicated here
below.
Soldering phase has to be executed with care: in order to avoid undesired melting
phenomenon, particular attention has to be taken on the set up of the peak temperature.
Some suggestions for the temperature profile are reported in the following
recommendations.
Figure 11. Soldering profiles
Table 10. Soldering profile values
Profile feature
PB-free assembly
Average ramp-up rate (TSMAX to Tp)3 °C/sec max
Preheat:
– Temperature min (TSmin)
– Temperature max (TSmax)
– Time (tSmin to tSmax) (tS)
150
°C
200
°C
60-100 sec
Time maintained above:
– Temperature (TL)
– Time (tL)
217
°C
60-70 sec
Peak temperature (TP)
245 +/- 5
°C
Time within 5
°C of actual peak temperature (TP)
10-20 sec
Ramp-down rate
6
°C/sec
Time from 25 °C to peak temperature
8 minute max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com