Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G683L18SQL1U Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G683L18SQL1U
Description  Low Voltage Reset IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G683L18SQL1U Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

Back Button G683L18SQL1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G683L18SQL1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G683L18SQL1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G683L18SQL1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G683L18SQL1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G683L18SQL1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc G683L18SQL1U Datasheet HTML 10Page - Global Mixed-mode Technology Inc G683L18SQL1U Datasheet HTML 11Page - Global Mixed-mode Technology Inc G683L18SQL1U Datasheet HTML 12Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Ver: 0.8
Feb 27, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G682/G683
Global Mixed-mode Technology
Selector Guide
ORDER
NUMBER
RESET
THRESHOLD (V)
OUTPUT TYPE
MARKING
PACKAGE
(Green)
G682L09TA31U
0.788(0.9*87.5%)
Push-Pull RESET
6A
Tx
ADFN1..5X1.5-6
G682L09SA31U
0.833(0.9*92.5%)
Push-Pull RESET
6A
Sx
ADFN1..5X1.5-6
G682L12TA31U
1.050(1.2*87.5%)
Push-Pull RESET
6B
Tx
ADFN1..5X1.5-6
G682L12SA31U
1.110(1.2*92.5%)
Push-Pull RESET
6B
Sx
ADFN1..5X1.5-6
G682L15TA31U
1.313(1.5*87.5%)
Push-Pull RESET
6C
Tx
ADFN1..5X1.5-6
G682L15SA31U
1.388(1.5*92.5%)
Push-Pull RESET
6C
Sx
ADFN1..5X1.5-6
G682L18TA31U
1.575(1.8*87.5%)
Push-Pull RESET
6D
Tx
ADFN1..5X1.5-6
G682L18SA31U
1.665(1.8*92.5%)
Push-Pull RESET
6D
Sx
ADFN1..5X1.5-6
G682H09TA31U
0.788(0.9*87.5%)
Push-Pull RESET
6E
Tx
ADFN1..5X1.5-6
G682H09SA31U
0.833(0.9*92.5%)
Push-Pull RESET
6E
Sx
ADFN1..5X1.5-6
G682H12TA31U
1.050(1.2*87.5%)
Push-Pull RESET
6F
Tx
ADFN1..5X1.5-6
G682H12SA31U
1.110(1.2*92.5%)
Push-Pull RESET
6F
Sx
ADFN1..5X1.5-6
G682H15TA31U
1.313(1.5*87.5%)
Push-Pull RESET
6G
Tx
ADFN1..5X1.5-6
G682H15SA31U
1.388(1.5*92.5%)
Push-Pull RESET
6G
Sx
ADFN1..5X1.5-6
G682H18TA31U
1.575(1.8*87.5%)
Push-Pull RESET
6H
Tx
ADFN1..5X1.5-6
G682H18SA31U
1.665(1.8*92.5%)
Push-Pull RESET
6H
Sx
ADFN1..5X1.5-6
G683L09TA31U
0.788(0.9*87.5%)
Open-Drain RESET
6I
Tx
ADFN1..5X1.5-6
G683L09SA31U
0.833(0.9*92.5%)
Open-Drain RESET
6I
Sx
ADFN1..5X1.5-6
G683L12TA31U
1.050(1.2*87.5%)
Open-Drain RESET
6J
Tx
ADFN1..5X1.5-6
G683L12SA31U
1.110(1.2*92.5%)
Open-Drain RESET
6J
Sx
ADFN1..5X1.5-6
G683L15TA31U
1.313(1.5*87.5%)
Open-Drain RESET
6K
Tx
ADFN1..5X1.5-6
G683L15SA31U
1.388(1.5*92.5%)
Open-Drain RESET
6K
Sx
ADFN1..5X1.5-6
G683L18TA31U
1.575(1.8*87.5%)
Open-Drain RESET
6L
Tx
ADFN1..5X1.5-6
G683L18SA31U
1.665(1.8*92.5%)
Open-Drain RESET
6L
Sx
ADFN1..5X1.5-6
Note: T: 87.5%
S:92.5%
A3: ADFN1.5X1.5-6
1: Bonding Code
U: Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com