Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G683L18SQL1U Datasheet(PDF) 10 Page - Global Mixed-mode Technology Inc

Part # G683L18SQL1U
Description  Low Voltage Reset IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G683L18SQL1U Datasheet(HTML) 10 Page - Global Mixed-mode Technology Inc

Back Button G683L18SQL1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G683L18SQL1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G683L18SQL1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G683L18SQL1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc G683L18SQL1U Datasheet HTML 10Page - Global Mixed-mode Technology Inc G683L18SQL1U Datasheet HTML 11Page - Global Mixed-mode Technology Inc G683L18SQL1U Datasheet HTML 12Page - Global Mixed-mode Technology Inc G683L18SQL1U Datasheet HTML 13Page - Global Mixed-mode Technology Inc G683L18SQL1U Datasheet HTML 14Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Ver: 0.8
Feb 27, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
10
G682/G683
Global Mixed-mode Technology
Typical Performance Characteristics
TA=25°C, unless otherwise noted.
6
7
8
9
10
11
12
13
14
15
2.7 3 3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7 6
Input Voltage (V)
Supply Current vs. Input Voltage
TA=25°C
VSEN=2.75V
-1
0
1
2
3
4
0
0.5
11.522.5
3
Input Voltage (V)
Output Voltage vs. Input Voltage
1
1.3
1.6
1.9
2.2
2.5
2.8
-40
-20
0
20
40
60
80
100
Ambient Temperature (
°C )
Delay Resistance vs. Ambient Temperature
VSEN=6V, VCD=0V,VIN=5V
0
1
2
3
4
5
6
7
8
9
10
2.7 3 3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7 6
Input Voltage (V)
TA=85°C
TA=25°C
TA=-40°C
VDS(NCH)=0.5V
Output Sink Current vs. Input Voltage
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
2.7 3 3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7 6
Input Voltage (V)
VDS(NCH)=0.5V
TA=25°C
TA=85°C
TA=-40°C
Output Source Current vs. Input Voltage
0.99
0.992
0.994
0.996
0.998
1
1.002
1.004
1.006
1.008
1.01
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Normalize RESET Threshold Voltage vs.
Ambient Temperature
VIN=3.3V
VIN=5V
TA=85°C
TA=-40°C
TA=85°C
TA=-40°C
TA=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com