Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18-225/B6R6C-C01/3T Datasheet(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 18-225/B6R6C-C01/3T
Description  Chip LED with Bi-Color(Multi-Color)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

18-225/B6R6C-C01/3T Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  18-225/B6R6C-C01/3T Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225/B6R6C-C01/3T Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225/B6R6C-C01/3T Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225/B6R6C-C01/3T Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225/B6R6C-C01/3T Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225/B6R6C-C01/3T Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225/B6R6C-C01/3T Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225/B6R6C-C01/3T Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225/B6R6C-C01/3T Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
18-225/B6R6C-C01/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2
Page: 3 of 11
Device No:DSE-00005365
Prepared date: 05-Jul-2011
Prepared by: Ashley Kuo
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
B6:25
R6:25
mA
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
B6:100
R6:60
mA
Power Dissipation
Pd
B6:110
R6:60
mW
Electrostatic Discharge(HBM)
ESD
B6:150
R6:2000
V
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +90
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com