Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18-225/B6R6C-C01/3T Datasheet(PDF) 5 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 18-225/B6R6C-C01/3T
Description  Chip LED with Bi-Color(Multi-Color)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

18-225/B6R6C-C01/3T Datasheet(HTML) 5 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  18-225/B6R6C-C01/3T Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225/B6R6C-C01/3T Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225/B6R6C-C01/3T Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225/B6R6C-C01/3T Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225/B6R6C-C01/3T Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225/B6R6C-C01/3T Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225/B6R6C-C01/3T Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225/B6R6C-C01/3T Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 18-225/B6R6C-C01/3T Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
18-225/B6R6C-C01/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2
Page: 5 of 11
Device No:DSE-00005365
Prepared date: 05-Jul-2011
Prepared by: Ashley Kuo
Typical Electro-Optical Characteristics Curves
B6
25
0
50
75
100
Ta=25°C
Forward Voltage V (V)
-60
Forward Current Derating Curve
Ambient Temperature Ta (°C)
1
10
-20
-40
0 20
60
40
100
80
100
1000
Wavelength λ (nm)
Luminous Intensity vs.
Ambient Temperature
Spectrum Distribution
Forward Voltage
F
Ta=25°C
Forward Current vs.
10
1
10
100
Forward Current I (mA)
10
10
F
Ta=25°C
Luminous Intensity vs.
Forward Current
30°
20°
Ta=25°C
10°
Radiation Diagram
40°
60°
50°
90°
80°
0.6
70°
0.2
0.1
0.5
0.3
0.4
1.0
0.8
0.9
0.7
Ambient Temperature Ta (°C)
400
550
450
500
600
2.6
0
10
25
20
40
30
50
4.2
3.4
3.0
3.8
4.5
1000
Duty=1/10
f=1KHz
1
2
0
10
0
20
30
25
40
50
40
20
60
100
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com