Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3527 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP3527
Description  Triac Driver Programmable Controllers AC−Output Module Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3527 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP3527 Datasheet HTML 1Page - Toshiba Semiconductor TLP3527 Datasheet HTML 2Page - Toshiba Semiconductor TLP3527 Datasheet HTML 3Page - Toshiba Semiconductor TLP3527 Datasheet HTML 4Page - Toshiba Semiconductor TLP3527 Datasheet HTML 5Page - Toshiba Semiconductor TLP3527 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP3527
2002-09-25
4
Ambient temperature Ta (℃)
IF – Ta
0
120
100
80
60
40
20
0
-20
20
40
60
80
100
Ambient temperature Ta (℃)
IT (RMS) – Ta
0
120
100
80
60
40
20
0
-20
0.4
0.8
1.2
1.6
2.0
IFP – VFP
Pulse forward voltage VFP (V)
0.1
2.6
2.2
1.8
1.4
1.0
3
5
10
100
300
500
1000
0.6
30
50
Pulse width ≦ 10µs
Repetitive frequency
=
100Hz
Ta = 25℃
Duty cycle ratio DR
Forward voltage VF (V)
IF – VF
0.1
1.8
1.6
1.4
1.2
1.0
0.8
0.3
0.5
1
10
30
50
100
0.6
5
3
Ta = 25℃
∆VF / ∆Ta – IF
50
-0.4
5
10
1
0.3
30
0.5
0.1
3
-0.8
-1.2
-1.6
-2.0
-2.4
-2.8
-3.2
Forward current IF (mA)
IFP - DR
10
0
10
3
30
500
3000
10
1
10
-2
10
-3
3
3
3
50
100
1000
300
Pulse width ≦100µs
Ta = 25℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com