Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3527 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3527
Description  Triac Driver Programmable Controllers AC−Output Module Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3527 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3527 Datasheet HTML 1Page - Toshiba Semiconductor TLP3527 Datasheet HTML 2Page - Toshiba Semiconductor TLP3527 Datasheet HTML 3Page - Toshiba Semiconductor TLP3527 Datasheet HTML 4Page - Toshiba Semiconductor TLP3527 Datasheet HTML 5Page - Toshiba Semiconductor TLP3527 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP3527
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo−Triac
TLP3527
Triac Driver
Programmable Controllers
AC−Output Module
Solid State Relay
The TOSHIBA TLP3527 consists of a zero voltage crossing turn−on
photo−triac optically coupled to a gallium arsenide infrared emitting
diode in a 16 lead plastic DIP package.
· Peak off−state voltage: 600V (min.)
· Trigger LED current: 10mA (max.)
· On−state current: 1.0Arms (max.)
· Isolation voltage: 2500Vrms (min.)
· UL recognized: UL1577, file No.E67349
Pin Configurations (top view)
15
2
ZC
ZC
13
11
9
3
4
5
6
7
: Anode
: Cathode
: N.C.
: Triac T2
: Triac T1
: Triac gate
2
3
4,5,6,7
9,13
11
15
Unit in mm
TOSHIBA
11
−20A2
Weight: 1.13g


Similar Part No. - TLP3527

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP352 TOSHIBA-TLP352 Datasheet
529Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-09-27 Rev.7.0
TLP3520 TOSHIBA-TLP3520 Datasheet
145Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3520A TOSHIBA-TLP3520A Datasheet
144Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3521 TOSHIBA-TLP3521 Datasheet
170Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3526 TOSHIBA-TLP3526 Datasheet
167Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results

Similar Description - TLP3527

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3520 TOSHIBA-TLP3520 Datasheet
145Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3520A TOSHIBA-TLP3520A Datasheet
144Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP560G TOSHIBA-TLP560G Datasheet
259Kb / 5P
TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP560J TOSHIBA-TLP560J Datasheet
166Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP561G TOSHIBA-TLP561G Datasheet
152Kb / 6P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP161J TOSHIBA-TLP161J Datasheet
122Kb / 6P
Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
TLP360J TOSHIBA-TLP360J Datasheet
77Kb / 4P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP361J TOSHIBA-TLP361J Datasheet
78Kb / 4P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP3507 TOSHIBA-TLP3507 Datasheet
271Kb / 6P
TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP561G TOSHIBA-TLP561G_07 Datasheet
174Kb / 6P
Triac Driver Programmable Controllers AC−Output Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com