Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP352 Datasheet (PDF) - Toshiba Semiconductor

TLP352 Datasheet PDF - Toshiba Semiconductor
Part # TLP352
Download  TLP352 Download
File Size   529.61 Kbytes
Page   21 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaAℓAs Infrared LED & Photo IC

TLP352 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP352 Datasheet PDF - Toshiba Semiconductor

Part # TLP352
Download  TLP352 Click to download

File Size   529.61 Kbytes
Page   21 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaAℓAs Infrared LED & Photo IC

TLP352 Datasheet (HTML) - Toshiba Semiconductor


TLP352 Product details

Applications
• Industrial Inverters
• MOSFET Gate Drivers
• IGBT Gate Drivers
• Induction Cooktop and Home Appliances

General
The TLP352 is a photocoupler in a DIP8 package that consists of a GaAℓAs infrared light-emitting diode (LED)
optically coupled to an integrated high-gain, high-speed photodetector IC chip. It provides guaranteed performance
and specifications at temperatures up to 125 . The TLP352 has an internal Faraday shield that provides a
guaranteed Common-mode transient immunity of ±20 kV/μs. It has a totem-pole output that can both sink and
source current. The TLP352 is ideal for IGBT and power MOSFET gate drive.

Features
(1) Buffer logic type (totem pole output)
(2) Output peak current: ±2.5 A (max)
(3) Operating temperature: -40 to 125 
(4) Supply current: 3.0 mA (max)
(5) Supply voltage: 15 to 30 V
(6) Threshold input current: 5 mA (max)
(7) Propagation delay time: 200 ns (max)
(8) Common-mode transient immunity: ±20 kV/μs (min)
(9) Isolation voltage: 3750 Vrms (min)
(10) Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5 (Note 1)




Similar Part No. - TLP352

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3520 TOSHIBA-TLP3520 Datasheet
145Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3520A TOSHIBA-TLP3520A Datasheet
144Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3521 TOSHIBA-TLP3521 Datasheet
170Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3526 TOSHIBA-TLP3526 Datasheet
167Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3527 TOSHIBA-TLP3527 Datasheet
167Kb / 6P
Triac Driver Programmable Controllers AC−Output Module Solid State Relay
More results


Similar Description - TLP352

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP151A TOSHIBA-TLP151A Datasheet
273Kb / 12P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-06-09 Rev.4.0
TLP350HF TOSHIBA-TLP350HF Datasheet
505Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.8.0
TLP351A TOSHIBA-TLP351A Datasheet
384Kb / 18P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-09 Rev.5.0
TLP351H TOSHIBA-TLP351H Datasheet
496Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-10-19 Rev.8.0
TLP2735 TOSHIBA-TLP2735 Datasheet
761Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2018-01-19 Rev.2.0
TLP2767 TOSHIBA-TLP2767 Datasheet
767Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-22 Rev.1.0
TLP2770 TOSHIBA-TLP2770 Datasheet
720Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-11-15 Rev.2.0
TLP2962F TOSHIBA-TLP2962F Datasheet
334Kb / 13P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-16 Rev.3.0
TLP358H TOSHIBA-TLP358H Datasheet
516Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.6.0
TLP5832 TOSHIBA-TLP5832 Datasheet
1Mb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2019-02-26 Rev.2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com