Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP2767 Datasheet (PDF) - Toshiba Semiconductor

TLP2767 Datasheet PDF - Toshiba Semiconductor
Part # TLP2767
Download  TLP2767 Download
File Size   767.56 Kbytes
Page   20 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaAℓAs Infrared LED & Photo IC

TLP2767 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP2767 Datasheet PDF - Toshiba Semiconductor

Part # TLP2767
Download  TLP2767 Click to download

File Size   767.56 Kbytes
Page   20 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaAℓAs Infrared LED & Photo IC

TLP2767 Datasheet (HTML) - Toshiba Semiconductor


TLP2767 Product details

Applications
• Factory Networking
• High-Speed Digital Interfacing for Instrumentation and Control Devices
• I/O Interface Boards

General
The TLP2767 is 50-Mbps high speed photocoupler in SO6L package.
The TLP2767 consists of high-output GaAℓAs light-emitting diode coupled with integrated high gain, high speed
photodetector, and has high speed switching performance at operation temperature from -40  to 125  and at
supply voltage from 2.7 V to 5.5 V.
The detector has a totem-pole output stage with current sourcing and sinking capabilities. The TLP2767 has an
internal Faraday shield that provides a guaranteed common-mode transient immunity of ±25 kV/μs.

Features
(1) Package: SO6L
(2) Data transfer rate: 50 MBd (typ.) (NRZ)
(3) Threshold input current: 4.0 mA (max)
(4) Supply voltage: 2.7 to 5.5 V
(5) Operating temperature: -40 to 125 
(6) Propagation delay time: 20 ns (max)
(7) Pulse width distortion: 8 ns (max)
(8) Isolation voltage: 5000 Vrms (min)
(9) Safety standards
UL-approved UL1577 File No.E67349
cUL-approved CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: Option (D4) EN60747-5-5 (approval pending) (Note 1)




Similar Part No. - TLP2767

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2761 TOSHIBA-TLP2761 Datasheet
1Mb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-12-26 Rev.9.0
TLP2766A TOSHIBA-TLP2766A Datasheet
1Mb / 23P
Photocouplers GaAℓAs Infrared LED & Photo IC
2018-05-22 Rev.1.0
TLP2768A TOSHIBA-TLP2768A Datasheet
1Mb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-12-26 Rev.9.0
More results


Similar Description - TLP2767

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP151A TOSHIBA-TLP151A Datasheet
273Kb / 12P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-06-09 Rev.4.0
TLP350HF TOSHIBA-TLP350HF Datasheet
505Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.8.0
TLP351A TOSHIBA-TLP351A Datasheet
384Kb / 18P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-09 Rev.5.0
TLP351H TOSHIBA-TLP351H Datasheet
496Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-10-19 Rev.8.0
TLP2735 TOSHIBA-TLP2735 Datasheet
761Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2018-01-19 Rev.2.0
TLP2770 TOSHIBA-TLP2770 Datasheet
720Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-11-15 Rev.2.0
TLP2962F TOSHIBA-TLP2962F Datasheet
334Kb / 13P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-16 Rev.3.0
TLP352 TOSHIBA-TLP352 Datasheet
529Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-09-27 Rev.7.0
TLP358H TOSHIBA-TLP358H Datasheet
516Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.6.0
TLP5832 TOSHIBA-TLP5832 Datasheet
1Mb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2019-02-26 Rev.2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com