Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP2962F Datasheet (PDF) - Toshiba Semiconductor

TLP2962F Datasheet PDF - Toshiba Semiconductor
Part # TLP2962F
Download  TLP2962F Download
File Size   334.71 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaAℓAs Infrared LED & Photo IC

TLP2962F Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP2962F Datasheet PDF - Toshiba Semiconductor

Part # TLP2962F
Download  TLP2962F Click to download

File Size   334.71 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaAℓAs Infrared LED & Photo IC

TLP2962F Datasheet (HTML) - Toshiba Semiconductor


TLP2962F Product details

Applications
• Factory Automation (FA)
• High-Speed Digital Interfacing
• Measuring Instruments

General
The Toshiba TLP2962F consists of a high-output GaAℓAs light-emitting diode coupled with integrated high gain,
high-speed photodetectors. The TLP2962F guarantees operation at up to 125  and on supplies from 2.7 V to
5.5 V. It is housed in the DIP8 package. The TLP2962F has an internal Faraday shield that provides a guaranteed
common-mode transient immunity of ±20 kV/μs. The TLP2962F satisfies 8 mm PC board spacing requirements.
Absolute maximum ratings and electrical characteristics are the same as in the TLP2962.

Features
(1) Inverter logic type (open collector output)
(2) Package: DIP8
(3) Operating temperature: -40 to 125 
(4) Supply voltage: 2.7 to 5.5 V
(5) Data transfer rate: 15 MBd (typ.) (NRZ)
(6) Threshold input current: 5.0 mA (max)
(7) Supply current: 4 mA (max)
(8) Common-mode transient immunity: ±20 kV/μs (min)
(9) Isolation voltage: 5000 Vrms (min)
(10) Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5, EN60065 or EN60950-1 (Note 1)




Similar Part No. - TLP2962F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2962 TOSHIBA-TLP2962 Datasheet
320Kb / 13P
Photocouplers GaAAs Infrared LED & Photo IC
TLP2962 TOSHIBA-TLP2962_15 Datasheet
325Kb / 13P
Photocouplers GaA-As Infrared LED and Photo IC
More results


Similar Description - TLP2962F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP151A TOSHIBA-TLP151A Datasheet
273Kb / 12P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-06-09 Rev.4.0
TLP350HF TOSHIBA-TLP350HF Datasheet
505Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.8.0
TLP351A TOSHIBA-TLP351A Datasheet
384Kb / 18P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-09 Rev.5.0
TLP351H TOSHIBA-TLP351H Datasheet
496Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-10-19 Rev.8.0
TLP2735 TOSHIBA-TLP2735 Datasheet
761Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2018-01-19 Rev.2.0
TLP2767 TOSHIBA-TLP2767 Datasheet
767Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-22 Rev.1.0
TLP2770 TOSHIBA-TLP2770 Datasheet
720Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-11-15 Rev.2.0
TLP352 TOSHIBA-TLP352 Datasheet
529Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-09-27 Rev.7.0
TLP358H TOSHIBA-TLP358H Datasheet
516Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.6.0
TLP5832 TOSHIBA-TLP5832 Datasheet
1Mb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2019-02-26 Rev.2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com