Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP2962F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP2962F
Description  Photocouplers GaAℓAs Infrared LED & Photo IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2962F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP2962F Datasheet HTML 1Page - Toshiba Semiconductor TLP2962F Datasheet HTML 2Page - Toshiba Semiconductor TLP2962F Datasheet HTML 3Page - Toshiba Semiconductor TLP2962F Datasheet HTML 4Page - Toshiba Semiconductor TLP2962F Datasheet HTML 5Page - Toshiba Semiconductor TLP2962F Datasheet HTML 6Page - Toshiba Semiconductor TLP2962F Datasheet HTML 7Page - Toshiba Semiconductor TLP2962F Datasheet HTML 8Page - Toshiba Semiconductor TLP2962F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TLP2962F
2
4.
4.
4.
4. Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
11-10C402S
1: N.C.
2: Anode
3: Cathode
4: N.C.
5: GND
6: VO (Output)
7: N.C.
8: VCC
5.
5.
5.
5. Internal Circuit
Internal Circuit
Internal Circuit
Internal Circuit
6.
6.
6.
6. Principle of Operation
Principle of Operation
Principle of Operation
Principle of Operation
6.1.
6.1.
6.1.
6.1. Truth Table
Truth Table
Truth Table
Truth Table
Input
H
L
LED
ON
OFF
Output
L
H
6.2.
6.2.
6.2.
6.2. Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance distances
Internal isolation thickness
10.16-mm Pitch
TLP2962F
8.0 (min)
8.0 (min)
0.4 (min)
Unit
mm
2015-12-16
Rev.3.0
©2015 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com