Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP2735 Datasheet (PDF) - Toshiba Semiconductor

TLP2735 Datasheet PDF - Toshiba Semiconductor
Part # TLP2735
Download  TLP2735 Download
File Size   761.07 Kbytes
Page   20 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaAℓAs Infrared LED & Photo IC

TLP2735 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP2735 Datasheet PDF - Toshiba Semiconductor

Part # TLP2735
Download  TLP2735 Click to download

File Size   761.07 Kbytes
Page   20 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaAℓAs Infrared LED & Photo IC

TLP2735 Datasheet (HTML) - Toshiba Semiconductor


TLP2735 Product details

Applications
• Intelligent Power Module Signal Isolation
• Switching Power Supplies
• High-Speed Digital Interfacing for Instrumentation and Control Devices

General
The Toshiba TLP2735 consists of high-output GaAℓAs light-emitting diode coupled with a high-gain, high-speed
photo detector. It is housed in a thin SO6L package of 2.3 mm (max). The TLP2735 has guaranteed the isolation
voltage 5 kVrms and compliant with international safety standards for reinforced insulation. This product can
operate in power supply voltage 9 V to 15 V with the maximum operating temperature of 125 . Since TLP2735
has UVLO function, it can prevent false operation during VDD starting up or under low voltage condition. The
detector has a totem-pole output stage with current sourcing and sinking capabilities. The TLP2735 has an
internal Faraday shield that provides a guaranteed common-mode transient immunity of ±25 kV/μs.

Features
(1) Buffer logic type (totem pole output)
(2) Package: SO6L
(3) Operating temperature: -40 to 125 
(4) Supply voltage: 9 to 15 V
(5) Threshold input current: 3.0 mA (max)
(6) Supply current: 4.5 mA (max)
(7) Propagation delay time: 100 ns (max)
(8) Pulse width distortion: 40 ns (max)
(9) Common-mode transient immunity: ±25 kV/μs (min)
(10) Isolation voltage: 5000 Vrms (min)
(11) Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5, EN60065, EN60950-1, EN 62368-1 (Note 1)




Similar Part No. - TLP2735

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2703 TOSHIBA-TLP2703 Datasheet
675Kb / 17P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.6.0
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
TLP270D TOSHIBA-TLP270D Datasheet
236Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET / Photo-Transistor
logo
STMicroelectronics
TLP270G STMICROELECTRONICS-TLP270G Datasheet
157Kb / 14P
TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
Sep-1998
TLP270G-1 STMICROELECTRONICS-TLP270G-1 Datasheet
157Kb / 14P
TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
Sep-1998
More results


Similar Description - TLP2735

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP151A TOSHIBA-TLP151A Datasheet
273Kb / 12P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-06-09 Rev.4.0
TLP350HF TOSHIBA-TLP350HF Datasheet
505Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.8.0
TLP351A TOSHIBA-TLP351A Datasheet
384Kb / 18P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-09 Rev.5.0
TLP351H TOSHIBA-TLP351H Datasheet
496Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-10-19 Rev.8.0
TLP2767 TOSHIBA-TLP2767 Datasheet
767Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-22 Rev.1.0
TLP2770 TOSHIBA-TLP2770 Datasheet
720Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-11-15 Rev.2.0
TLP2962F TOSHIBA-TLP2962F Datasheet
334Kb / 13P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-16 Rev.3.0
TLP352 TOSHIBA-TLP352 Datasheet
529Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-09-27 Rev.7.0
TLP358H TOSHIBA-TLP358H Datasheet
516Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.6.0
TLP5832 TOSHIBA-TLP5832 Datasheet
1Mb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2019-02-26 Rev.2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com