Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP5832 Datasheet (PDF) - Toshiba Semiconductor

TLP5832 Datasheet PDF - Toshiba Semiconductor
Part # TLP5832
Download  TLP5832 Download
File Size   1086.33 Kbytes
Page   21 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaAℓAs Infrared LED & Photo IC

TLP5832 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP5832 Datasheet PDF - Toshiba Semiconductor

Part # TLP5832
Download  TLP5832 Click to download

File Size   1086.33 Kbytes
Page   21 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaAℓAs Infrared LED & Photo IC

TLP5832 Datasheet (HTML) - Toshiba Semiconductor


TLP5832 Product details

Applications
• Industrial Inverters
• Air Conditioner Inverters
• Induction Cooktop and Home Appliances
• MOSFET Gate Drivers
• IGBT Gate Drivers

General
The TLP5832 is a photocoupler in a 8-pin SO8L package that consists of a GaAℓAs infrared light-emitting diode
(LED) optically coupled to an integrated high-gain, high-speed photodetector IC chip. It provides guaranteed
performance and specifications at temperature up to 110 .
The TLP5832 is physically smaller / thinner than the one in an 8-pin DIP package and compliant with international
safety standards for reinforced insulation. It thus provides a smaller footprint solution for applications that
require safety standard certification. An internal noise shield provides a guaranteed common-mode transient
immunity of ±20 kV/μs.
The TLP5832 is ideal for small to medium class IGBT and power MOSFET gate drive.

Features
(1) Buffer logic type (totem pole output)
(2) Output peak current: ±2.5 A (max)
(3) Operating temperature: -40 to 110
(4) Supply current: 3 mA (max)
(5) Supply voltage: 15 to 30 V
(6) Threshold input current: 5 mA (max)
(7) Propagation delay time: 200 ns (max)
(8) Common-mode transient immunity: ±20 kV/μs (min)
(9) Isolation voltage: 5000 Vrms (min)
(10) Safety standards
UL-recognized: UL 1577, File No.E67349
cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN 60747-5-5, EN 62368-1 (Note 1)
CQC-approved: GB4943.1, GB8898 Japan Factory (Pending)




Similar Part No. - TLP5832

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP580 ETC1-TLP580 Datasheet
332Kb / 3P
GaAIAs INFRARED EMITTING DIODE AND NPN SILICON PHOTO-TRANSISTOR
TLP581 ETC1-TLP581 Datasheet
332Kb / 3P
GaAIAs INFRARED EMITTING DIODE AND NPN SILICON PHOTO-TRANSISTOR
logo
Toshiba Semiconductor
TLP5814H TOSHIBA-TLP5814H Datasheet
4Mb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2025-02-03 Rev.4.0
More results


Similar Description - TLP5832

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP151A TOSHIBA-TLP151A Datasheet
273Kb / 12P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-06-09 Rev.4.0
TLP350HF TOSHIBA-TLP350HF Datasheet
505Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.8.0
TLP351A TOSHIBA-TLP351A Datasheet
384Kb / 18P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-09 Rev.5.0
TLP351H TOSHIBA-TLP351H Datasheet
496Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-10-19 Rev.8.0
TLP2735 TOSHIBA-TLP2735 Datasheet
761Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2018-01-19 Rev.2.0
TLP2767 TOSHIBA-TLP2767 Datasheet
767Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-22 Rev.1.0
TLP2770 TOSHIBA-TLP2770 Datasheet
720Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-11-15 Rev.2.0
TLP2962F TOSHIBA-TLP2962F Datasheet
334Kb / 13P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-16 Rev.3.0
TLP352 TOSHIBA-TLP352 Datasheet
529Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-09-27 Rev.7.0
TLP358H TOSHIBA-TLP358H Datasheet
516Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.6.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com