Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP2768A Datasheet (PDF) - Toshiba Semiconductor

TLP2768A Datasheet PDF - Toshiba Semiconductor
Part # TLP2768A
Download  TLP2768A Download
File Size   1259.09 Kbytes
Page   21 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaAℓAs Infrared LED & Photo IC

TLP2768A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP2768A Datasheet PDF - Toshiba Semiconductor

Part # TLP2768A
Download  TLP2768A Click to download

File Size   1259.09 Kbytes
Page   21 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaAℓAs Infrared LED & Photo IC

TLP2768A Datasheet (HTML) - Toshiba Semiconductor


TLP2768A Product details

Applications
• Factory Networking
• High-Speed Digital Interfacing for Instrumentation and Control Devices
• I/O Interface Boards

General
The Toshiba TLP2768A consists of a high-output GaAℓAs light-emitting diode coupled with integrated high gain,
high-speed photodetectors. It is housed in a thin SO6L package of 2.3 mm(max). The TLP2768A has guaranteed
the isolation voltage 5 kVrms and compliant with international safety standards for reinforced insulation.
It guarantees operation at up to 125  and on supplies from 2.7 V to 5.5 V.
The TLP2768A has an internal Faraday shield that provides a guaranteed common-mode transient immunity of
±20 kV/μs.

Features
(1) Inverter logic type (open collector output)
(2) Package: SO6L
(3) Operating temperature: -40 to 125 
(4) Data transfer rate: 20 MBd (typ.) (NRZ)
(5) Threshold input current: 5.0 mA (max)
(6) Supply current: 4 mA (max)
(7) Common-mode transient immunity: ±20 kV/μs (min)
(8) Isolation voltage: 5000 Vrms (min)
(9) Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5, EN60065, EN60950-1, EN 62368-1 (Note 1)




Similar Part No. - TLP2768A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2761 TOSHIBA-TLP2761 Datasheet
1Mb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-12-26 Rev.9.0
TLP2766A TOSHIBA-TLP2766A Datasheet
1Mb / 23P
Photocouplers GaAℓAs Infrared LED & Photo IC
2018-05-22 Rev.1.0
TLP2767 TOSHIBA-TLP2767 Datasheet
767Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-22 Rev.1.0
More results


Similar Description - TLP2768A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP151A TOSHIBA-TLP151A Datasheet
273Kb / 12P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-06-09 Rev.4.0
TLP350HF TOSHIBA-TLP350HF Datasheet
505Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.8.0
TLP351A TOSHIBA-TLP351A Datasheet
384Kb / 18P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-09 Rev.5.0
TLP351H TOSHIBA-TLP351H Datasheet
496Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-10-19 Rev.8.0
TLP2735 TOSHIBA-TLP2735 Datasheet
761Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2018-01-19 Rev.2.0
TLP2767 TOSHIBA-TLP2767 Datasheet
767Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-22 Rev.1.0
TLP2770 TOSHIBA-TLP2770 Datasheet
720Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-11-15 Rev.2.0
TLP2962F TOSHIBA-TLP2962F Datasheet
334Kb / 13P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-16 Rev.3.0
TLP358H TOSHIBA-TLP358H Datasheet
516Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.6.0
TLP5832 TOSHIBA-TLP5832 Datasheet
1Mb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2019-02-26 Rev.2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com