Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL-9625-1-R85M Datasheet(PDF) 1 Page - RENCO ELECTRONICS, INC.

Part # RL-9625-1-R85M
Description  SHIELDED SMD POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENCO [RENCO ELECTRONICS, INC.]
Direct Link  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-9625-1-R85M Datasheet(HTML) 1 Page - RENCO ELECTRONICS, INC.

  RL-9625-1-R85M Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-9625-1-R85M Datasheet HTML 2Page - RENCO ELECTRONICS, INC. RL-9625-1-R85M Datasheet HTML 3Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
388
• Magnetically shielded surface mount inductor with high
current rating
• Low resistance to keep power loss at a minimum
• Excellent for power line DC-DC conversion applications used in
notebook computers and other electronic equipment
• Can use in series or in parallel
FEATURES & APPLICATIONS
DESCRIPTION
• Shielded SMD Power Inductor
ENVIRONMENTAL DATA
• Storage temperature range:
-55°C to +130°C
• Operating temperature range:
-40°C to +130°C
PACKAGING INFORMATION
• Packaging information: pg. 507
Verify operation with sample in actual circuit. Order samples at www.rencousa.com.
PART NUMBER
A (TYP.)
B (TYP.)
C (TYP.)
D (TYP.)
E (MAX.)
F (TYP.)
RL-9625-1
0.450 (11.43)
0.350 (8.89)
0.350 (8.89)
0.030 (0.76)
0.235 (5.97)
0.392 (9.96)
MECHANICAL DIMENSIONS
U.S. Standard (mm)
PART NUMBER PART WEIGHT
RL-9625-1
1.0g (0.04oz)
G (TYP.)
H (TYP.)
I (TYP.)
0.421 (10.70)
0.145 (3.69)
0.120 (3.05)
TOP VIEW
RECOMMENDED
PCB PATTERN
FRONT VIEW
RL-9625-1
SHIELDED SMD POWER INDUCTOR
SCHEMATIC
3
2
1
4
A
C
B
D
1
4
2
E
1
2
4
3
1
2
4
3
1
2
4
3
1
2
3
4
G
E
H
F
I
PARALLEL
SERIES


Similar Part No. - RL-9625-1-R85M

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-9625-2 RENCO-RL-9625-2 Datasheet
414Kb / 3P
SHIELDED SMD POWER INDUCTOR
RL-9625-2-140M RENCO-RL-9625-2-140M Datasheet
414Kb / 3P
SHIELDED SMD POWER INDUCTOR
RL-9625-2-1R1M RENCO-RL-9625-2-1R1M Datasheet
414Kb / 3P
SHIELDED SMD POWER INDUCTOR
RL-9625-2-1R9M RENCO-RL-9625-2-1R9M Datasheet
414Kb / 3P
SHIELDED SMD POWER INDUCTOR
RL-9625-2-200M RENCO-RL-9625-2-200M Datasheet
414Kb / 3P
SHIELDED SMD POWER INDUCTOR
More results

Similar Description - RL-9625-1-R85M

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com