Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL-9625-1-R85M Datasheet(PDF) 3 Page - RENCO ELECTRONICS, INC.

Part # RL-9625-1-R85M
Description  SHIELDED SMD POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENCO [RENCO ELECTRONICS, INC.]
Direct Link  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-9625-1-R85M Datasheet(HTML) 3 Page - RENCO ELECTRONICS, INC.

  RL-9625-1-R85M Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-9625-1-R85M Datasheet HTML 2Page - RENCO ELECTRONICS, INC. RL-9625-1-R85M Datasheet HTML 3Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
390
RL-9625-1
(uH)
(°C)
t
3
3
10-2
5
3
-3
10
-1
10
10-1
5
2
10
5
3
1
10
5
3
10
0
3 5
DC CURRENT (A)
5
10
5
R54M
0
3
2R2M
L
100M
1
(uH)
5
10
3
250M
101M
2
10
5
3
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE (PARA)
3
10
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE (PARA)
40
(°C)
10
5
4
3
2
1
0
0
16
15
14
13
12
11
10
9
8
7
6
DC CURRENT (A)
20
30
70
t
50
60
101M
80
250M
90
M
4
5
R
M
2
R
2
M
0
0
1
3
DC CURRENT (A)
10-1
5
33 5
10-2
5
3
-3
10
-1
10
2
10
5
3
1
10
5
3
10
0
5
10
5
R54M
0
3
L
1
2R2M
5
10
100M
3
250M
2
10
101M
5
3
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE (SER)
3
10
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE (SER)
40
10
DC CURRENT (A)
5
4
3
2
1
0
0
8
7
6
20
30
70
50
60
101M
80
250M
100M
2R2M
90
R54M



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com