Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THEVAL3502 Datasheet(PDF) 3 Page - California Eastern Labs

Part # THEVAL3502
Description  24-channel LED Driver with LVDS Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THEVAL3502 Datasheet(HTML) 3 Page - California Eastern Labs

  THEVAL3502 Datasheet HTML 1Page - California Eastern Labs THEVAL3502 Datasheet HTML 2Page - California Eastern Labs THEVAL3502 Datasheet HTML 3Page - California Eastern Labs THEVAL3502 Datasheet HTML 4Page - California Eastern Labs THEVAL3502 Datasheet HTML 5Page - California Eastern Labs THEVAL3502 Datasheet HTML 6Page - California Eastern Labs THEVAL3502 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Security E
THAN0164_Rev.2.00_E
THine Electronics, Inc.
2/6
Copyright(C)2015 THine Electronics, Inc.
■Power Supply Inputs
The method for connecting power supply inputs are shown below.
1) The all power supply inputs from the pre-stage. (Factory default settings)
Figure 2 Power supply from pre-stage
2) The all power supply inputs from the external unit.
Figure 3 Power supply from external unit
3) The power supply of LED inputs from the external unit and the power supply of IC inputs from the pre-stage.
1
2
3
GND
GND
1
2
3
4
5
6
7
8
9
10
CN600
Power supply of LED ( 40V)
Power supply of IC (3.0 5.5V)
Must be removed the L601.
Figure 4 Power supply from external unit and pre-stage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com