Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THEVAL3502 Datasheet(PDF) 6 Page - California Eastern Labs

Part # THEVAL3502
Description  24-channel LED Driver with LVDS Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THEVAL3502 Datasheet(HTML) 6 Page - California Eastern Labs

  THEVAL3502 Datasheet HTML 1Page - California Eastern Labs THEVAL3502 Datasheet HTML 2Page - California Eastern Labs THEVAL3502 Datasheet HTML 3Page - California Eastern Labs THEVAL3502 Datasheet HTML 4Page - California Eastern Labs THEVAL3502 Datasheet HTML 5Page - California Eastern Labs THEVAL3502 Datasheet HTML 6Page - California Eastern Labs THEVAL3502 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Security E
THAN0164_Rev.2.00_E
THine Electronics, Inc.
5/6
Copyright(C)2015 THine Electronics, Inc.
■Bill of materials
Table 2
Bill of materials
#
Designator
Description
Size
Part Number
Manufacturer
1
C600
Capacitor
3225
GRM32EB31H106KA12
Murata
2
C601
Capacitor
3225
GRM32EB31H106KA12
Murata
3
C602
Capacitor
3225
GRM32EB31H106KA12
Murata
4
C603
Capacitor
3225
GRM32EB31H106KA12
Murata
5
C604
Capacitor
3225
GRM32EB31H106KA12
Murata
6
C605
Capacitor
3225
GRM32EB31H106KA12
Murata
7
C606
Capacitor
1608
GRM188B31H104KA92
Murata
8
C607
Capacitor
1608
GRM188B31H104KA92
Murata
9
C608
Capacitor
3225
GRM32EB31H106KA12
Murata
10
C609
Capacitor
3225
GRM32EB31H106KA12
Murata
11
C610
Capacitor
3225
GRM32EB31H106KA12
Murata
12
C614
Capacitor
1608
GRM188B31H104KA92
Murata
13
CON600
Connector
ML-800-S1H-3P
Sato-parts
14
CON602
Nylon Connector
B10B-PH-K-S(LF)(SN)
JST
15
CON603
Nylon Connector
B10B-PH-K-S(LF)(SN)
JST
16
D600
LED
SML-210LT
Rohm
17
IC600
LED Driver
QFN48
THL3502 or THL3512
THine
18
JP502
Pin Header
2.54mm pitch
JTW-2500
Hirosugi-Keiki
19
JP600
Pin Header
2.54mm pitch
JTW-2500
Hirosugi-Keiki
20
JP601
Pin Header
2.54mm pitch
JTW-2500
Hirosugi-Keiki
21
L600
Bead
4516
BLM41PG600SN1L
Murata
22
L602
Bead
4516
BLM41PG600SN1L
Murata
23
L603
Bead
4516
BLM41PG600SN1L
Murata
24
L604
Bead
4516
BLM41PG600SN1L
Murata
25
L605
Bead
4516
BLM41PG600SN1L
Murata
26
L606
Bead
4516
BLM41PG600SN1L
Murata
27
L607
Bead
4516
BLM41PG600SN1L
Murata
28
LED600
LED
2012
PY1112H-TR
Stanley
29
LED601
LED
2012
PY1112H-TR
Stanley
30
LED602
LED
2012
PY1112H-TR
Stanley
31
LED603
LED
2012
PY1112H-TR
Stanley
32
LED604
LED
2012
PY1112H-TR
Stanley
33
LED605
LED
2012
PY1112H-TR
Stanley
34
LED606
LED
2012
PY1112H-TR
Stanley
35
LED607
LED
2012
PY1112H-TR
Stanley
36
LED608
LED
2012
PY1112H-TR
Stanley
37
LED609
LED
2012
PY1112H-TR
Stanley
38
LED610
LED
2012
PY1112H-TR
Stanley
39
LED611
LED
2012
PY1112H-TR
Stanley
40
LED612
LED
2012
PY1112H-TR
Stanley
41
LED613
LED
2012
PY1112H-TR
Stanley
42
LED614
LED
2012
PY1112H-TR
Stanley
43
LED615
LED
2012
PY1112H-TR
Stanley
44
LED616
LED
2012
PY1112H-TR
Stanley
45
LED617
LED
2012
PY1112H-TR
Stanley
46
LED618
LED
2012
PY1112H-TR
Stanley
47
LED619
LED
2012
PY1112H-TR
Stanley
48
LED620
LED
2012
PY1112H-TR
Stanley
49
LED621
LED
2012
PY1112H-TR
Stanley
50
LED622
LED
2012
PY1112H-TR
Stanley
51
LED623
LED
2012
PY1112H-TR
Stanley
52
R600
Resistor
1608
RK73B1JBK151J
KOA
53
R601
Resistor
1608
RK73B1JBK151J
KOA
54
R602
Resistor
1608
RK73B1JBK151J
KOA
55
R603
Resistor
1608
RK73B1JBK151J
KOA
56
R604
Resistor
1608
RK73B1JBK151J
KOA
57
R605
Resistor
1608
RK73B1JBK151J
KOA
58
R606
Resistor
1608
RK73B1JBK151J
KOA
59
R607
Resistor
1608
RK73B1JBK151J
KOA
60
R608
Resistor
1608
RK73B1JBK151J
KOA
61
R609
Resistor
1608
RK73B1JBK151J
KOA
62
R610
Resistor
1608
RK73B1JBK151J
KOA
63
R611
Resistor
1608
RK73B1JBK151J
KOA
64
R612
Resistor
1608
RK73B1JBK151J
KOA
65
R613
Resistor
1608
RK73B1JBK151J
KOA
66
R614
Resistor
1608
RK73B1JBK151J
KOA
67
R615
Resistor
1608
RK73B1JBK151J
KOA
68
R616
Resistor
1608
RK73B1JBK331J
KOA
69
R617
Resistor
1608
RK73B1JBK151J
KOA
70
R618
Resistor
1608
RK73B1JBK151J
KOA
71
R619
Resistor
1608
RK73B1JBK151J
KOA
72
R620
Resistor
1608
RK73B1JBK151J
KOA
73
R621
Resistor
1608
RK73B1JBK151J
KOA
74
R622
Resistor
1608
RK73B1JBK151J
KOA
75
R623
Resistor
1608
RK73B1JBK151J
KOA
76
R624
Resistor
1608
RK73B1JBK151J
KOA
77
R625
Resistor
1608
RK73B1JBK101J
KOA
78
R626
Resistor
1608
RK73B1JBK101J
KOA
79
R627
Resistor
1608
RK73B1JBK101J
KOA
80
R628
Resistor
1608
RK73B1JBK101J
KOA
81
RN600
Resistor Array
3216
CN1J4TTD103J
KOA
82
RN601
Resistor Array
3216
CN1J4TTD103J
KOA
83
SW600
DIP Switch
A6S-8101-H
Omron



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com