Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL065 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12DL065
Description  Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL065 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button ADC12DL065 Datasheet HTML 17Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 18Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 19Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 20Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 21Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 22Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 23Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 24Page - National Semiconductor (TI) ADC12DL065 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Applications Information (Continued)
data in the ASIC thus avoiding the use of the CLK signal
altogether. However, since the ABb signal edges are pro-
vided in-phase with the data transitions, generally the ASIC
circuitry would have to delay the ABb signal with respect to
the data in order to use it as the clock for the capturing
latches. It is also possible to use the CLK signal to latch the
data in the multiplexed mode as well - as described in the
previous paragraph.
Be very careful when driving a high capacitance bus. The
more capacitance the output drivers must charge for each
conversion, the more instantaneous digital current flows
through V
DR and DR GND. These large charging current
spikes can cause on-chip ground noise and couple into the
analog circuitry, degrading dynamic performance. Adequate
bypassing, limiting output capacitance and careful attention
to the ground plane will reduce this problem. Additionally,
bus capacitance beyond the specified 15 pF/pin will cause
t
OD to increase, making it difficult to properly latch the ADC
output data. The result could be an apparent reduction in
dynamic performance.
To minimize noise due to output switching, minimize the load
currents at the digital outputs. This can be done by connect-
ing buffers (74ACQ541, for example) between the ADC out-
puts and any other circuitry. Only one driven input should be
connected to each output pin. Additionally, inserting series
resistors of about 100
Ω at the digital outputs, close to the
ADC pins, will isolate the outputs from trace and other circuit
capacitances and limit the output currents, which could oth-
erwise result in performance degradation. See Figure 4.
20100113
FIGURE 4. Application Circuit using Transformer or Differential Op-Amp Drive Circuit, Parallel mode
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com