Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL065 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
ADC12DL065 Datasheet PDF - National Semiconductor (TI)
Part # ADC12DL065
Download  ADC12DL065 Download
File Size   1095.74 Kbytes
Page   26 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter

ADC12DL065 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC12DL065 Datasheet PDF - National Semiconductor (TI)

Part # ADC12DL065
Download  ADC12DL065 Click to download

File Size   1095.74 Kbytes
Page   26 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter

ADC12DL065 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - ADC12DL065

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DL065 TI1-ADC12DL065 Datasheet
868Kb / 34P
Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
ADC12DL065 TI1-ADC12DL065 Datasheet
879Kb / 35P
360mW A/D Converter
ADC12DL065 TI2-ADC12DL065 Datasheet
895Kb / 34P
ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
REVISED APRIL 2013
ADC12DL065 TI2-ADC12DL065 Datasheet
943Kb / 35P
ADC12DL065 Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
REVISED APRIL 2013
ADC12DL065 TI2-ADC12DL065 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
More results


Similar Description - ADC12DL065

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
12-Bit, 65 MSPS A/D Converter
1998 06
logo
Analog Devices
AD9238 AD-AD9238 Datasheet
1Mb / 24P
12-Bit, 20/40/65 MSPS Dual A/D Converter
9/03-Data Sheet changed from REV. 0 to REV. A.
logo
National Semiconductor ...
ADC10DL065 NSC-ADC10DL065 Datasheet
1Mb / 26P
Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
logo
Analog Devices
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
4/05-Rev. A to Rev. B
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
12-Bit, 65/80 MSPS A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1050-80 HITTITE-HMCAD1050-80 Datasheet
794Kb / 14P
Dual 13/12-Bit 65/80 MSPS A/D Converter
logo
Texas Instruments
ADC12DL065 TI1-ADC12DL065_14 Datasheet
868Kb / 34P
Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
Analog Devices
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD10265 AD-AD10265_15 Datasheet
2Mb / 24P
Dual Channel, 12-Bit, 65 MSPS A/D Converter
REV. A
logo
Texas Instruments
ADC10DL065 TI1-ADC10DL065_15 Datasheet
821Kb / 34P
Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com