Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL065 Datasheet (PDF) - Texas Instruments

ADC12DL065 Datasheet PDF - Texas Instruments
Part # ADC12DL065
Download  ADC12DL065 Download
File Size   895.44 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling

ADC12DL065 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC12DL065 Datasheet PDF - Texas Instruments

Part # ADC12DL065
Download  ADC12DL065 Click to download

File Size   895.44 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling

ADC12DL065 Datasheet (HTML) - Texas Instruments


ADC12DL065 Product details

1FEATURES
2• Single +3.3V Supply Operation
• Internal Sample-and-Hold
• Internal or External Reference
• Outputs 2.4V to 3.6V Compatible
• Power Down Mode
• Duty Cycle Stabilizer
• Pin Compatible with ADC12DL040,
ADC12DL065, ADC12DL066

APPLICATIONS
• Instrumentation
• Communications Receivers
• Sonar/Radar
• xDSL, Cable Modems

KEY SPECIFICATIONS
• Resolution: 12 Bits
• Max Conversion Rate: 80 MSPS
• DNL: ±0.4 LSB (typ)
• SNR (f IN=40MHz): 69 dB (typ)
• SNR (fIN=200MHz): 67 dB(typ)
• SFDR (fIN=40MHz): 82 dB (typ)
• SFDR (fIN=200MHz): 81 dB (typ)
• Power Consumption
– Operating: 447 mW (typ)
– Power Down Mode: 50 mW (typ)

DESCRIPTION
The ADC12DL080 is a dual, low power monolithic
CMOS analog-to-digital converter capable of
converting analog input signals into 12-bit digital
words at 80 Megasamples per second (MSPS). This
converter uses a differential, pipeline architecture with
digital error correction and an on-chip sample-and- hold circuit to minimize power consumption while
providing excellent dynamic performance and a 600
MHz Full Power Bandwidth. Operating on a single
+3.3V power supply, the ADC12DL080 achieves 11.0
effective bits at Nyquist and consumes just 447mW at
80 MSPS. The Power Down feature reduces power
consumption to 50 mW.
The differential inputs provide a full scale differential
input swing equal to 2 times VREF with the possibility
of a single-ended input. Full use of the differential
input is recommended for optimum performance.
Duty cycle stabilization and output data format are
selectable. The output data can be set for offset
binary or two's complement.
To ease interfacing to lower voltage systems, the
digital output driver power pins of the ADC12DL080
can be connected to a separate supply voltage in the
range of 2.4V to the analog supply voltage. This
device is available in the 64-lead TQFP package and
will operate over the industrial temperature range of
−40°C to +85°C. An evaluation board is available to
ease the evaluation process.




Similar Part No. - ADC12DL065

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12DL065 NSC-ADC12DL065 Datasheet
1Mb / 26P
Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
Texas Instruments
ADC12DL065 TI1-ADC12DL065 Datasheet
868Kb / 34P
Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
ADC12DL065 TI1-ADC12DL065 Datasheet
879Kb / 35P
360mW A/D Converter
ADC12DL065 TI2-ADC12DL065 Datasheet
943Kb / 35P
ADC12DL065 Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
REVISED APRIL 2013
ADC12DL065 TI2-ADC12DL065 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
More results


Similar Description - ADC12DL065

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6640 AD-AD6640 Datasheet
488Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV.0
AD10226 AD-AD10226 Datasheet
976Kb / 20P
Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
REV.0
logo
National Semiconductor ...
ADC12DL080 NSC-ADC12DL080 Datasheet
1Mb / 24P
Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
Cadeka Microcircuits LL...
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
12-BIT, 28 MSPS SAMPLING A/D CONVERTER
logo
Analog Devices
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
logo
Texas Instruments
ADC12DL080 TI1-ADC12DL080_14 Datasheet
819Kb / 35P
Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
Analog Devices
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com